Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2HWA263MS Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # D2HWA263MS
Description   Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2HWA263MS Datasheet(HTML) 5 Page - Omron Electronics LLC

  D2HWA263MS Datasheet HTML 1Page - Omron Electronics LLC D2HWA263MS Datasheet HTML 2Page - Omron Electronics LLC D2HWA263MS Datasheet HTML 3Page - Omron Electronics LLC D2HWA263MS Datasheet HTML 4Page - Omron Electronics LLC D2HWA263MS Datasheet HTML 5Page - Omron Electronics LLC D2HWA263MS Datasheet HTML 6Page - Omron Electronics LLC D2HWA263MS Datasheet HTML 7Page - Omron Electronics LLC D2HWA263MS Datasheet HTML 8Page - Omron Electronics LLC D2HWA263MS Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
D2HW
Sealed Ultra Subminiature Basic Switch
D
2
H
W
Contact form
Contact Specifications
Ratings
Note. The above rating values apply under the following test conditions.
(1) Ambient temperature: 20
±2°C
(2) Ambient humidity: 65
±5 %
(3) Operating frequency: 30 operations/min
Approved Safety Standard
Consult your OMRON sales representative for specific models
with standard approvals.
UL (UL1054/CSA C22.2 No.55)
Characteristics
Note. The data given above are initial values.
*1.
For the pin plunger models, the above values apply for use at the free
position, operating position, and total travel position. For the lever models,
they apply at the total travel position. Close or open circuit of the contact
is 1ms max.
*2.
For testing conditions, consult your OMRON sales representative.
●SPDT
● SPST-NC, (Molded Lead Wire
Models Only)
● SPST-NO, (Molded Lead Wire
Models Only)
COM
(Black)
NO
(Blue)
NC
(Red)
COM
(Black)
NC
(Red)
COM
(Black)
NO
(Blue)
Molded lead wire colors
are indicated in
parentheses.
Contact
Specification
Crossbar
Material
Gold alloy
Gap (standard value)
0.5 mm
Minimum applicable load (see note)
5 VDC 1mA
Rated voltage
Resistive load
125 VAC
0.1A
12 VDC
24 VDC
42 VDC
2A
1A
0.5A
Model
D2HW
Rated voltage
Item
Resistive load
125 VAC
0.1A
12 VDC
2A
24 VDC
1A
42 VDC
0.5A
Permissible operating speed
1 mm to 500 mm/s (for pin plunger models)
Permissible operating frequency
30 operations/min
Insulation resistance
100 M
Ω min. (at 500 VDC with insulation tester)
Contact
resistance
(initial value)
Terminals
100 m
Ω max.
Molded lead wire models
150 m
Ω max.
Dielectric
strength
Between terminals of the
same polarity
600 VAC 50/60 Hz 1min
Between current-carrying
metal parts and ground
1,500 VAC 50/60 Hz 1 min
Between terminals and
non-current-carrying metal
parts
1,500 VAC 50/60 Hz 1 min
Vibration
resistance * 1
Malfunction
10 to 55 Hz, 1.5 mm double amplitude
Shock
resistance
Durability
1,000 m/s2 {approx. 100G} max.
Malfunction * 1
300 m/s2 {approx. 30G} max.
Durability * 2
Mechanical
1,000,000 operations min. (30 operations/min)
Electrical
100,000 operations min. (20 operations/min)
Degree of
protection
Terminals
IEC IP67 (excluding the terminals on terminal models)
molded lead wire models
IEC IP67
Ambient operating temperature
-40 to
+85°C (at ambient humidity of 60% max.)
(with no icing or condensation)
Ambient operating humidity
95% max. (for +5 to +35°C)
Weight
Approx. 0.7 g (for pin plunger models with terminals)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com