Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SX951-R Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # EE-SX951-R
Description  Ultra-compact Pre-wired Photomicrosensor (Non-modulated)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX951-R Datasheet(HTML) 3 Page - Omron Electronics LLC

  EE-SX951-R Datasheet HTML 1Page - Omron Electronics LLC EE-SX951-R Datasheet HTML 2Page - Omron Electronics LLC EE-SX951-R Datasheet HTML 3Page - Omron Electronics LLC EE-SX951-R Datasheet HTML 4Page - Omron Electronics LLC EE-SX951-R Datasheet HTML 5Page - Omron Electronics LLC EE-SX951-R Datasheet HTML 6Page - Omron Electronics LLC EE-SX951-R Datasheet HTML 7Page - Omron Electronics LLC EE-SX951-R Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EE-SX95
3
Ratings and Specifications
*1. The differential travel is the value when a sensing object is moved in a lateral direction to the slot.
*2. The response frequency was measured by detecting the following rotating disk.
Applicable Connector
Item
Type
Standard
L-shaped
F-shaped
R-shaped
U-shaped
NPN output
Pre-wired models
EE-SX950-
@
EE-SX951-
@
EE-SX952-
@
EE-SX953-
@
EE-SX954-
@
Pre-wired
connector models
EE-SX950-C1J-R EE-SX951-C1J-R EE-SX952-C1J-R EE-SX953-C1J-R EE-SX954-C1J-R
PNP output
Pre-wired models
EE-SX950P-
@
EE-SX951P-
@
EE-SX952P-
@
EE-SX953P-
@
EE-SX954P-
@
Sensing distance
5 mm (slot width)
Standard sensing object
Opaque: 1.8
× 0.8 mm min.
Differential travel
0.025 mm max. *1
Light source (wave length)
Infrared LED (940 nm)
Indicator
Light indicator (red LED)
Power supply voltage
5 to 24 VDC
±10%, ripple (p-p): 10% max.
Current consumption
15 mA max.
Control output
Load power supply voltage: 5 to 24 VDC
Load current: 50 mA max.
OFF current: 0.5 mA max.
50 mA load current with a residual voltage of 0.7 V max.
5 mA load current with a residual voltage of 0.4 V max.
Protection circuit
Load short-circuit protection
Response frequency
1 kHz min. (3 kHz average) *2
Ambient illumination
1,000 lx max. with fluorescent light on the surface of the receiver
Ambient temperature range
Operating:
−25 to 55°C
Storage:
−30 to 80°C (with no icing or condensation)
Ambient humidity range
Operating: 5% to 85%
Storage:
5% to 95% (with no icing or condensation)
Vibration resistance (destruction)
10 to 2,000 Hz (peak acceleration: 150m/s2)
with a 0.75-mm single amplitude for 2.5 h (15-min periods, 10 cycles) each in X, Y, and Z directions
Shock resistance (destruction)
500 m/s2 for 3 times each in X, Y, and Z directions
Degree of protection
IEC60529 IP50
Connection method
Pre-wired models (standard length: 1 m), Pre-wired connector models (standard length: 0.3 m)
Weight
(packed state)
Pre-wired models
Approx. 15 g
Pre-wired
connector models
Approx. 7 g
Materials
Case/cover
Polybutylene terephthalate (PBT)
Emitter/receiver
Polycarbonate (PC)
Disk
1 mm
1 mm
2.1 mm
t = 0.2 mm
Product Connector with Robot Cable
Model EE-1016-R
Item
Appearance
Contact resistance
25 m
Ω max. (at 10 mA DC and 20 mV max.)
Insertion strength
20 N max.
Surplus strength
(housing holding strength)
15 N min.
Cable length
2 m
Ambient temperature range
−25 to 85°C
Materials
Housing
Nylon
Contact
Phosphor bronze



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com