Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SX951-R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # EE-SX951-R
Description  Ultra-compact Pre-wired Photomicrosensor (Non-modulated)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX951-R Datasheet(HTML) 4 Page - Omron Electronics LLC

  EE-SX951-R Datasheet HTML 1Page - Omron Electronics LLC EE-SX951-R Datasheet HTML 2Page - Omron Electronics LLC EE-SX951-R Datasheet HTML 3Page - Omron Electronics LLC EE-SX951-R Datasheet HTML 4Page - Omron Electronics LLC EE-SX951-R Datasheet HTML 5Page - Omron Electronics LLC EE-SX951-R Datasheet HTML 6Page - Omron Electronics LLC EE-SX951-R Datasheet HTML 7Page - Omron Electronics LLC EE-SX951-R Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EE-SX95
4
Engineering Data (Reference Value)
I/O Circuit Diagrams
Sensing Position Characteristics
Repeated Sensing Position Charac-
teristics
Note: The data applies to dark status. Operation may be affected by external light interference or light coming through the sensing object.
Output
type
Model
Output
transistor
operation
status
Timing charts
Output circuit
NPN
output
EE-SX950-
@
EE-SX951-
@
EE-SX952-
@
EE-SX953-
@
EE-SX954-
@
EE-SX950-C1J-R
EE-SX951-C1J-R
EE-SX952-C1J-R
EE-SX953-C1J-R
EE-SX954-C1J-R
OUT1: Light-ON
OUT2: Dark-ON
PNP
output
EE-SX950P-
@
EE-SX951P-
@
EE-SX952P-
@
EE-SX953P-
@
EE-SX954P-
@
012
3
4
5
6
Insertion
direction
Distance d (mm)
d
Dark-ON
Light-ON
012
3
4
5
6
Distance d (mm)
Insertion direction
d
Dark-ON
Light-ON
2.92
2.94
2.96
2.98
Distance d (mm)
d
Vcc = 24 V, No. of repetitions: 20, Ta = 25
°C
(Differential travel = 0.025 mm max.)
Dark-ON
Light-ON
d=
±0.002
Incident light
No incident light
ON
OFF
Light indicator
(red)
ON
OFF
Output 1
transistor
Operate
Reset
Load 1
(e.g., relay)
ON
OFF
Output 2
transistor
Load 2
Operate
Reset
(e.g., relay)
Light indicator
(red)
Load 1
5 to
24 VDC
Load 2
Main
circuit
(Blue)
(Brown)
OUT2(White)
OUT1(Black)
1
4
2
3
1
2
3
4
Connector pin
arrangement
for models with
connectors
Load 2
Load 1
5 to
24 VDC
Light indicator
(red)
Main
circuit
(Blue)
(Brown)
OUT2(White)
OUT1(Black)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com