Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SX951-C1J-R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # EE-SX951-C1J-R
Description  Ultra-compact Pre-wired Photomicrosensor (Non-modulated)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX951-C1J-R Datasheet(HTML) 1 Page - Omron Electronics LLC

  EE-SX951-C1J-R Datasheet HTML 1Page - Omron Electronics LLC EE-SX951-C1J-R Datasheet HTML 2Page - Omron Electronics LLC EE-SX951-C1J-R Datasheet HTML 3Page - Omron Electronics LLC EE-SX951-C1J-R Datasheet HTML 4Page - Omron Electronics LLC EE-SX951-C1J-R Datasheet HTML 5Page - Omron Electronics LLC EE-SX951-C1J-R Datasheet HTML 6Page - Omron Electronics LLC EE-SX951-C1J-R Datasheet HTML 7Page - Omron Electronics LLC EE-SX951-C1J-R Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Ultra-compact Pre-wired Photomicrosensor (Non-modulated)
EE-SX95
Meeting Customer Needs with
Ultra-compact Sensors that Mount
with M3 Screws
• Mount using M3 or M2 screws.
• Reliable sensing slot depth of 6.5 mm.
• Indication of sensing window for easy confirmation of
insertion depth.
• Bright indicator for confirmation from many directions.
• Both light-ON and dark-ON outputs provided.
• All models available with either standard cable or
flexible robot cable.
• Load short-circuit protection circuit provided.
Features
Mount Using M2 or M3 Screws
The EE-SX95 can be mounted using M2 or M3 screws, so it can
easily replace an existing Sensor mounted with M2 screws.
Indication of Sensing Window for Easy
Confirmation of Insertion Depth
The location of the sensing window is indicated on the insertion slot
so that you can visually confirm whether the sensing object covers the
sensing window and easily check the insertion depth.
Reliable Best-in-Class Sensing Slot
Depth of 6.5 mm
(Based on April 2013 OMRON investigation.)
A deeper slot helps prevent the sensing object from coming into
contact with the base of the slot, creating greater tolerance in
mechanism design.
Bright Indicator for Confirmation from Many
Directions
The bright light indicator can be checked from up to four directions to
enable flexible selection of the installation location.
Refer to the Safety Precautions on
page 5.
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
Example for the EE-SX950-W
Installation with M2 screws: 18.0
Installation with M3 screws: 18.7
The sensing object just needs
to extend below this line.
6.5mm


Similar Part No. - EE-SX951-C1J-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX91 OMRON-EE-SX91 Datasheet
603Kb / 9P
Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
EE-SX910-C1J-R OMRON-EE-SX910-C1J-R Datasheet
756Kb / 9P
Meeting Customer Needs with Compact Sensors that Mount with M3 Screws
EE-SX910-R OMRON-EE-SX910-R Datasheet
756Kb / 9P
Meeting Customer Needs with Compact Sensors that Mount with M3 Screws
EE-SX910-R OMRON-EE-SX910-R Datasheet
603Kb / 9P
Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
EE-SX910P-C1J-R OMRON-EE-SX910P-C1J-R Datasheet
756Kb / 9P
Meeting Customer Needs with Compact Sensors that Mount with M3 Screws
More results

Similar Description - EE-SX951-C1J-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX911P-R1M OMRON-EE-SX911P-R1M Datasheet
603Kb / 9P
Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
EE-SX675 OMRON-EE-SX675 Datasheet
470Kb / 9P
Slot-type Photomicrosensor (Non-modulated)
EE-SX772 OMRON-EE-SX772 Datasheet
424Kb / 6P
Photomicrosensor with Slim Cable (Non-modulated)
EE-SX1096-W11 OMRON-EE-SX1096-W11 Datasheet
256Kb / 2P
Pre-wired Sensors (AWG28).
logo
Schneider Electric
LU9MR1C SCHNEIDER-LU9MR1C Datasheet
100Kb / 2P
Control circuit pre-wired connector, reversing motor starter, TeSys Ultra
May 11, 2022
logo
Pepperl+Fuchs Inc.
V7-W PF-V7-W Datasheet
120Kb / 1P
Non pre-wired cable socket
2009-06-08
V16-G PF-V16-G Datasheet
66Kb / 1P
Non pre-wired cable socket
2007-06-14
V16-W PF-V16-W Datasheet
77Kb / 1P
Non pre-wired cable socket
2008-11-06
V16S-G PF-V16S-G Datasheet
67Kb / 1P
Non pre-wired cable connector
2007-06-14
V31S-GM PF-V31S-GM Datasheet
71Kb / 1P
Non pre-wired cable connector
2009-07-02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com