Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SX951-C1J-R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SX951-C1J-R
Description  Ultra-compact Pre-wired Photomicrosensor (Non-modulated)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX951-C1J-R Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SX951-C1J-R Datasheet HTML 1Page - Omron Electronics LLC EE-SX951-C1J-R Datasheet HTML 2Page - Omron Electronics LLC EE-SX951-C1J-R Datasheet HTML 3Page - Omron Electronics LLC EE-SX951-C1J-R Datasheet HTML 4Page - Omron Electronics LLC EE-SX951-C1J-R Datasheet HTML 5Page - Omron Electronics LLC EE-SX951-C1J-R Datasheet HTML 6Page - Omron Electronics LLC EE-SX951-C1J-R Datasheet HTML 7Page - Omron Electronics LLC EE-SX951-C1J-R Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EE-SX95
2
Ordering Information
Sensors
*1. A model is available with a 3-m cable. The model number is EE-SX95
@-@ 3M.(Example: EE-SX950-W 3M)
*2. A pre-wired model with a PNP output and 1-m robot cable is available. The model number is EE-SX95
@P-R 1M.(Example: EE-SX950P-R 1M)
Accessories (Order Separately)
Connector with Robot Cable
Appearance
Sensing
method
Sensing
distance
Output
configuration
Connection method
(Cable length)
Output
type
Model
Through-
beam
(with slot)
Light-ON
Dark-ON
(2 outputs)
Pre-wired model with
standard cable (1 m)
NPN
EE-SX950-W 1M
*1
PNP
EE-SX950P-W 1M
*2
Pre-wired model with robot
cable (1 m)
NPN
EE-SX950-R 1M
*1
Pre-wired connector model
with robot cable (0.3 m)
NPN
EE-SX950-C1J-R 0.3M
Pre-wired model with
standard cable (1 m)
NPN
EE-SX951-W 1M
*1
PNP
EE-SX951P-W 1M
*2
Pre-wired model with robot
cable (1 m)
NPN
EE-SX951-R 1M
*1
Pre-wired connector model
with robot cable (0.3 m)
NPN
EE-SX951-C1J-R 0.3M
Pre-wired model with
standard cable (1 m)
NPN
EE-SX952-W 1M
*1
PNP
EE-SX952P-W 1M
*2
Pre-wired model with robot
cable (1 m)
NPN
EE-SX952-R 1M
*1
Pre-wired connector model
with robot cable (0.3 m)
NPN
EE-SX952-C1J-R 0.3M
Pre-wired model with
standard cable (1 m)
NPN
EE-SX953-W 1M
*1
PNP
EE-SX953P-W 1M
*2
Pre-wired model with robot
cable (1 m)
NPN
EE-SX953-R 1M
*1
Pre-wired connector model
with robot cable (0.3 m)
NPN
EE-SX953-C1J-R 0.3M
Pre-wired model with
standard cable (1 m)
NPN
EE-SX954-W 1M
*1
PNP
EE-SX954P-W 1M
*2
Pre-wired model with robot
cable (1 m)
NPN
EE-SX954-R 1M
*1
Pre-wired connector model
with robot cable (0.3 m)
NPN
EE-SX954-C1J-R 0.3M
Type
Cable length
Model
Remarks
Connector with Cable
2 m
EE-1016-R 2M
Connector with lock, AWG26, 4-core Robot Cable
Infrared light
6
23.9
12
Standard
5 mm
(slot width)
12
12
13.4
L-shaped
11.7
12
13.4
F-shaped
12
11.7
13.4
R-shaped
6
16
13.4
U-shaped



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com