Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAMW2V040EST Datasheet(PDF) 2 Page - Galaxy Power, Inc.

Part # GAMW2V040EST
Description  48V Input, 2.0VDC, 40A Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GAMW2V040EST Datasheet(HTML) 2 Page - Galaxy Power, Inc.

  GAMW2V040EST Datasheet HTML 1Page - Galaxy Power, Inc. GAMW2V040EST Datasheet HTML 2Page - Galaxy Power, Inc. GAMW2V040EST Datasheet HTML 3Page - Galaxy Power, Inc. GAMW2V040EST Datasheet HTML 4Page - Galaxy Power, Inc. GAMW2V040EST Datasheet HTML 5Page - Galaxy Power, Inc. GAMW2V040EST Datasheet HTML 6Page - Galaxy Power, Inc. GAMW2V040EST Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GAMW2V040 – 2
WWW.GALAXYPWR.COM
Part No. 02-GAM-04 Rev. 1.0 – 042805
Galaxy Power Inc.
155 Flanders Road
Westborough, MA 01581
Telephone: 508-870-9775
Fax: 508-870-9796
e-mail: info@galaxypwr.com
General Specifications
Operating Temperature
–40° C to +100° C
Storage Temperature
–55° C to +125° C
Relative Humidity
10% to 95% RH,
Non-condensing
Vibration
2 to 9Hz, 3mm disp.,
9 to 200Hz, 1g
Material Flammability
UL V-0
Weight
35 grams
MTBF
Telcordia (Bellcore)
TBD
General Specifications
VIN = 48VDC, TA@25° C, 300 LFM Airflow, VOUT=2.0VDC, IOUT = Full Load unless otherwise noted.
Available output power depends on ambient temperature and good thermal management. (See application graphs for limits.)
Input Characteristics
Parameter
Min
Typ
Max
Units
Operating Input Voltage
36
48
75
VDC
Input Current
2.9
A
Input Capacitance
3
µF
Input Hysteresis, Low Line
2
VDC
Output Characteristics
Regulation Over Line, Load & Temperature
1.960
2.040
V
Voltage Ripple
20
mV RMS
Voltage Ripple, 20MHz BW
60
mV P–P
Current Range
0
40
A
Current Limit Inception
41.2
56
%Io MAX
Short Circuit Current, Peak1
60
A
Output Transient Response, 50% to 75% load change, 1A/µsec2
18
%VOUT
Settling Time to ± 1%
300
µS
Turn-on Time to 98%Vnom
25
mS
Output Overshoot at Turn-on
0
%VOUT
Trim Range
70
110
%VOUT
Overvoltage Protection, Latching
130
%VOUT
Isolation
Isolation Test Voltage, Input/Output (Basic)
2250
VDC
Isolation Resistance
10
MΩ
Features
Overtemperature Protection, Thermal Sensor, Latching3
110
° C
Switching Frequency, Fixed
250
kHz
Notes:
1. During short circuit, converter will shut down and attempt to restart once per second. The average current during this condition will be very low
and the device can be safely left in this condition continuously.
2. Limited by output energy storage. For improved performance see Tuned (T) model information.
3. PCB less than 130° C
Approvals and Standards
UL and c-UL Recognized Component, TUV**,
UL60950, CSA 22.2 No. 950, IEC/EN 60950
EMC Characteristics:
Designed to meet emission and immunity
requirements per EN55022, CISPR 22, Class B,
and CISPR 24.
** An external fuse shall be used to comply with the requirements.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com