Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAMW2V040EST Datasheet(PDF) 3 Page - Galaxy Power, Inc.

Part # GAMW2V040EST
Description  48V Input, 2.0VDC, 40A Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GAMW2V040EST Datasheet(HTML) 3 Page - Galaxy Power, Inc.

  GAMW2V040EST Datasheet HTML 1Page - Galaxy Power, Inc. GAMW2V040EST Datasheet HTML 2Page - Galaxy Power, Inc. GAMW2V040EST Datasheet HTML 3Page - Galaxy Power, Inc. GAMW2V040EST Datasheet HTML 4Page - Galaxy Power, Inc. GAMW2V040EST Datasheet HTML 5Page - Galaxy Power, Inc. GAMW2V040EST Datasheet HTML 6Page - Galaxy Power, Inc. GAMW2V040EST Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Part No. 02-GAM-04 Rev. 1.0 – 042805
WWW.GALAXYPWR.COM
GAMW2V040 – 3
Galaxy Power Inc.
155 Flanders Road
Westborough, MA 01581
Telephone: 508-870-9775
Fax: 508-870-9796
e-mail: info@galaxypwr.com
Undervoltage Hysteresis
1.0
0
30
34
37
Input Voltage (V)
36
32
33
35
31
Overvoltage Hysteresis
1.0
0
76.5
78.5
80.5
Input Voltage (V)
79.5
77.5
78
80
79
77
CoolConverter™
Galaxy’s proprietary CoolConverter™ provides:
•Patented single-stage power conversion architecture,
control, and magnetic design allow unprecedented power
density and efficiency in an isolated power supply.
• An advanced microcontroller reduces parts count while
adding features, performance, and flexibility in the design.
•Low common-mode noise as a result of lower capacitance
in the transformer from balanced winding design.
Protection and Control
Valid Input Voltage Range:
The converter measures the input voltage and will
not allow operation outside of the input voltage
specification. As shown by the graphs, hysteresis is
added to both the high and low voltage to prevent
the converter from turning on and off repeatedly
when the voltage is held near either voltage extreme.
At low line this assures the maximum input current is
not exceeded; at high line this assures the semicon-
ductor devices in the converter are not damaged by
excessive voltage stress.
ON/OFF Logic Option:
The ON/OFF control logic can be either Negative
(standard) or Positive to enable the converter. For
Negative logic the ON/OFF pin is brought to below
1.0V with respect to the –INPUT pin to enable the
converter. The pull down must be able to sink
100µA. For Positive logic the ON/OFF pin is brought
to greater than 4.0V with respect to the –INPUT pin
and be limited to less than 10V. To request the
Positive logic version, add the suffix (P) to the stan-
dard part number. The ON/OFF pin has a built-in pull
up resistor of approximately 100kΩ to +5V.
Application Notes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com