Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP746-X Datasheet(PDF) 2 Page - Solid State Optronic

Part # SP746-X
Description  1 Form A Solid State Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SP746-X Datasheet(HTML) 2 Page - Solid State Optronic

  SP746-X Datasheet HTML 1Page - Solid State Optronic SP746-X Datasheet HTML 2Page - Solid State Optronic SP746-X Datasheet HTML 3Page - Solid State Optronic SP746-X Datasheet HTML 4Page - Solid State Optronic SP746-X Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SP746-X
1 Form A
Solid State Relay
ELECTRICAL CHARACTERISTICS - 25°C
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
LED Reverse Voltage
V
612
Ir = 10uA
Input Resistor
Ω
300
Must Operate Voltage
V
2.5
5
Io = 1.2A, resistive load
Junction Capacitance
p
5
Vf = 0V
F
OUTPUT SPECIFICATIONS
Blocking Voltage
V
600
Io = 600uA
Continuous Load Current
A
1.2
If = 5mA
Surge Current Rating
A
10
T = 16ms
Holding Current
m
10
A
On-Voltage
V
1.2
Io = 1.2A
Voltage Across Load at Turn-On
V
5
If = 5mA
Leakage Current
µ
100
250
Vo = 250V
A
Thermal Resistance
°
80
C/
W
Power Factor
0.3
Critical Rate of Rise (dV/dt)
V
400
/
µ s
COUPLED SPECIFICATIONS
Isolation Voltage
V
2500
T = 1 minute
-H Suffix
V
3750
T = 1 minute
Isolation Resistance
G
100
Ω
Coupled Capacitance
p
6
F
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 5
SP746-X
rev 1.40 (10/25/2004)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com