Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP746-X Datasheet(PDF) 3 Page - Solid State Optronic

Part # SP746-X
Description  1 Form A Solid State Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SP746-X Datasheet(HTML) 3 Page - Solid State Optronic

  SP746-X Datasheet HTML 1Page - Solid State Optronic SP746-X Datasheet HTML 2Page - Solid State Optronic SP746-X Datasheet HTML 3Page - Solid State Optronic SP746-X Datasheet HTML 4Page - Solid State Optronic SP746-X Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SP746-X
1 Form A
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
620 630 640 650 660 670 680 690
Blocking Voltage (V)
SP746-X
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
0
500
1000
1500
-40
-20
0
20406080
Tem perature (C)
SP746-X
Maximum Load Current vs. Temperature
5 V
Threshold
Input Signal
SCR #1 Turns On when
5V threshold is reached.
SCR #1 Turns Off,
SCR #2 Turns On
at Zero Volts.
SCR #2 Turns Off,
SCR #1 Turns On
at Zero Volts.
SCR #1 and Relay Turn
Off at Zero Volts.
5
4
2
6
3
1
Relay Input Signal is
Turned On.
Relay Input Signal is
Turned Off.
This solid state relay has been designed with a driver circuit that controls the operation of two back-to-back silicon controlled rectifiers
(SCRs), each responsible for one half of the AC cycle. If an AC signal is examined, the turn on, turn off and zero-volt switching can be seen.
Figure 1 shows a typical 60 Hz, 120Vac signal with a corresponding relay input signal:
ZERO-VOLT SWITCHING
Figure 1 shows the sequence of zero-volt switching operation. At Stage 1, an input signal is applied to the relay. The relay will not turn on
until the threshold voltage of 5V is reached. Once this point is reached (Stage 2), SCR #1 (designated as the SCR which controls positive
AC voltage) turns on. However, SCR #1 only conducts for an instant, as the cycle quickly crosses zero. At this point (Stage 3), SCR #1 will
turn off and SCR #2 (negative AC voltage) turns on. Likewise, at the next zero cross (Stage 4), SCR #2 will turn off and SCR #1 conducts
again. Even though the input signal is terminated at Stage 5, the relay will continue to conduct (typical SCR behavior) until Stage 6, when
SCR #1 crosses zero and ceases to conduct. Please note that turn on can likewise begin on the negative phase of the AC cycle with a -5V
threshold, though only the positive phase is shown here.
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 5
SP746-X
rev 1.40 (10/25/2004)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com