Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7430 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7430
Description  Negative Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7430 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7430 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7430 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7430 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7430 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7430 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7430 Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Block Diagram
Pin Assignment
Pad Assignment
Pad Coordinates
Unit: mm
Pad No.
X
Y
1
-571.75
-578.00
2
175.75
-545.50
3
592.25
-545.50
Chip size: 1550 ´ 1562 (mm)2
* The IC substrate should be connected to VDD in the PCB layout artwork.
Absolute Maximum Ratings
Supply Voltage ............................+0.3V to -26V
Storage Temperature ................-50°Cto125°C
Power Consumption.............................. 250mW
Operating Temperature ..................0°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
HT7430
2
March 6, 2001
VOUT
VIN
ref
GND
VO U T
GN D V I N
H T 7430
TO - 9 2
GN D
V I N
VO U T
SO T - 8 9
F r ont V i e w
B o tto m V i e w
1
2
3
(0 , 0 )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com