Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7430 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7430
Description  Negative Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7430 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7430 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7430 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7430 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7430 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7430 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7430 Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics
HT7430, -3.0V output type
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VIN
Conditions
VOUT
Output Voltage Tolerance -5V IOUT=10mA
-2.85 -3.0 -3.15
V
IOUT
Output Current
-5V
¾
60
100
¾
mA
DVOUT
Load Regulation
-5V 1mA£IOUT£50mA
¾
60
120
mV
VDIF
Voltage Drop
¾
IOUT=1mA
¾
100
¾
mV
ISS
Current Consumption
-5V No load
¾
200
350
mA
D
D
V
VV
OUT
IN
OUT
´
Line Regulation
¾
-4V£VIN£-12V
IOUT=1mA
¾
0.2
¾
%/V
VIN
Input Voltage
¾¾
¾
¾
-24
V
D
D
V
T
OUT
a
Temperature Coefficient
-5V IOUT=10mA
0°C<Ta<70°C
¾±0.45
¾
mV/°C
Application Circuits
Basic circuit
HT7430
3
March 6, 2001
H T 7430
C2
10 m F
C o mmo n
C o mmo n
S i n g l e po i n t G N D
GN D
V OU T
V IN
V IN
V OU T
C1
10 m F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com