Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36F6 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT36F6
Description  Music Synthesizer 8-Bit MCU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36F6 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT36F6 Datasheet HTML 1Page - Holtek Semiconductor Inc HT36F6 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36F6 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36F6 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36F6 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36F6 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36F6 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36F6 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36F6 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-988.650
1160.250
16
1027.050
-1056.650
2
-988.650
1047.250
17
1027.050
-945.550
3
-988.650
934.800
18
1027.050
-845.550
4
-988.650
786.150
19
1010.150
1156.650
5
-1027.075
127.300
20
910.150
1156.650
6
-1027.050
-550.500
21
799.550
1156.650
7
-1027.050
-655.900
22
699.550
1156.650
8
-1006.750
-768.100
23
588.950
1156.650
9
285.550
-1156.650
24
488.950
1156.650
10
387.350
-1156.650
25
378.350
1156.650
11
497.950
-1156.650
26
278.350
1156.650
12
597.950
-1156.650
27
167.750
1156.650
13
708.550
-1156.650
28
67.750
1156.650
14
808.550
-1156.650
29
-42.850
1156.650
15
1027.050
-1156.650
Pad Description
Pad No.
Pad Name
I/O
Internal
Connection
Function
8, 7
VDD, VSS
¾¾
Digital power supply, ground
3,4
VDDA, VSSA
¾¾
DAC power supply
14~21
PA0~PA7
I/O
Wake-up,
Pull-high or
None
Bidirectional 8-bit I/O port, wake-up by mask option
29~22
PB0~PB7
I/O
Pull-high or
None
Bidirectional 8-bit I/O port
13~10
PC0~PC3
I/O
Pull-high or
None
Bidirectional 4-bit I/O port
9
RESET
I
¾
Reset input, active low
6
OSC1
I
X
¢tal/Resistor XIN for X¢tal or ROSCIN for resistor by mask option
5
OSC2
O
¾
XOUT or T1
1
RCH
O
¾
DAC output R channel
2
LCH
O
¾
DAC output L channel
Note: In the form pin number value is for the 32 SOP type MCU.
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+5.5V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT36F6
Rev. 1.00
3
August 15, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com