Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36F6 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT36F6
Description  Music Synthesizer 8-Bit MCU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36F6 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT36F6 Datasheet HTML 1Page - Holtek Semiconductor Inc HT36F6 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36F6 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36F6 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36F6 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36F6 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36F6 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36F6 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36F6 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
4.5
5
V
IDD
Operating Current
3V
No load (OSC= 6MHz)
¾
28
mA
4.5V
¾
810
ISTB
Standby Current
3V
¾
¾
1
¾
mA
4.5V
¾
13
IOH
Flag Source Current
3V
¾
5
¾¾
mA
4.5V
IOL
Flag Sink Current
3V
¾
5
¾¾
mA
4.5V
VIH
Input High Voltage for I/O Ports
¾¾
0.8VDD
¾
VDD
V
VIL
Input Low Voltage for I/O Ports
¾¾
0
¾
0.2VDD
V
HT36F6
Rev. 1.00
4
August 15, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com