Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36FA Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT36FA
Description  Music Synthesizer 8-Bit MCU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36FA Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT36FA Datasheet HTML 9Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 10Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 11Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 12Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 13Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 14Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 15Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 16Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
HT36FA
Rev. 1.10
13
March 13, 2006
Timer 0/1
Timer 0 is an 8-bit counter, and its clock source comes
from the system clock divided by an 8-stage prescaler.
There are two registers related to Timer 0; TMR0L
(0DH) and TMR0C (0EH). One physical registers are
mapped to TMR0L location; writing TMR0L makes the
starting value be placed in the Timer 0 preload register
and reading the TMR0 gets the contents of the Timer 0
counter. The TMR0C is a control register, which defines
the division ration of the prescaler and counting enable
or disable.
Writing data to B2, B1 and B0 (bits 2, 1, 0 of TMR0C)
can yield various clock sources.
One the Timer 0 starts counting, it will count from the
current contents in the counter to FFH. Once an over-
flow occurs, the counter is reloaded from a preload reg-
ister, and generates an interrupt request flag (T0F; bit 2
of INTCH). To enable the counting operation, the timer
On bit (TON; bit 4 of TMR0C) should be set to
²1². For
proper operation, bit 7 of TMR0C should be set to
²1²
and bit 3, bit 6 should be set to
²0².
There are two registers related to the Timer Counter1;
TMR1L(10H), TMR1C(11H). The Timer Counter 1 oper-
ates in the same manner as Timer Counter 0.
TMR0C/TMR1C
T0F
B2
B1
B0
0
0
0
SYS CLK/16
0
0
1
SYS CLK/32
0
1
0
SYS CLK/64
0
1
1
SYS CLK/128
1
0
0
SYS CLK/256
1
0
1
SYS CLK/512
1
1
0
SYS CLK/1024
1
1
1
SYS CLK/2048
TMR0C Bit 4 to enable/disable timer counting
(1=enable; 0=disable)
TMR0C Bit 3, always write
²0².
TMR0C Bit 5, always write
²0².
TMR0C Bit 6, always write
²0².
TMR0C Bit 7, always write
²1².
Input/Output Ports
There are 20 bidirectional input/output lines labeled
from PA to PC0~3, which are mapped to the data mem-
ory of [12H], [14H], [16H], respectively. All these I/O
ports can be used for input and output operations. For
input operation, these ports are non-latching, that is, the
inputs must be ready at the T2 rising edge of instruction
²MOV A,[m]² (m=12H, 14H or 16H). For output opera-
tion, all data is latched and remains unchanged until the
output latch is rewritten.
Each I/O line has its own control register (PAC, PBC,
PCC0~3) to control the input/output configuration. With
this control register, CMOS output or Schmitt trigger in-
put with or without pull-high resistor (mask option) struc-
tures can be reconfigured dynamically under software
control. To function as an input, the corresponding latch
of the control register must write a
²1². The pull-high re-
sistance will exhibit automatically if the pull-high option
is selected. The input source also depends on the con-
trol register. If the control register bit is
²1², input will
read the pad state. If the control register bit is
²0², the
contents of the latches will move to the internal bus. The
latter is possible in
²read-modify-write² instruction. For
output function, CMOS is the only configuration. These
control registers are mapped to locations 13H, 15H and
17H.
After a chip reset, these input/output lines remain at high
levels or floating (mask option). Each bit of these in-
put/output latches can be set or cleared by the
²SET
[m].i
² or ²CLR [m].i² (m=12H, 14H or 16H) instruction.
Some instructions first input data and then follow the
output operations. For example, the
²SET [m].i², ²CLR
[m].i
², ²CPL [m]² and ²CPLA [m]² instructions read the
entire port states into the CPU, execute the defined op-
erations (bit-operation), and then write the results back
to the latches or the accumulator. Each line of port A has
the capability to wake-up the device.
S y s t e m
C l o c k / 8
8 - s t a g e
P r e s c a l e r
T i m e r 0 / 1
P r e l o a d R e g i s t e r
T i m e r 0 / 1
D a t a B u s
R e l o a d
O v e r f l o w
T O N
T 0 F
Timer 0/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com