Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36FA Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT36FA
Description  Music Synthesizer 8-Bit MCU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36FA Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT36FA Datasheet HTML 1Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 2Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 3Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 4Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 5Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 6Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 7Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 8Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-1003.950
1463.950
18
708.150
-1448.750
2
-1003.950
1350.950
19
818.750
-1448.750
3
-1003.950
1238.510
20
1042.350
-1448.200
4
-1003.950
1089.850
21
1042.350
-1348.200
5
-1042.350
-587.774
22
1042.350
-1237.600
6
-1042.350
-1265.626
23
1041.900
1462.150
7
-1052.100
-1439.900
24
941.900
1462.150
8
-952.100
-1439.900
25
831.300
1462.150
9
-236.026
-1448.750
26
731.300
1462.150
10
-134.250
-1448.750
27
620.700
1462.150
11
-23.650
-1448.750
28
520.700
1462.150
12
76.350
-1448.750
29
410.100
1462.150
13
186.950
-1448.750
30
310.100
1462.150
14
286.950
-1448.750
31
199.500
1462.150
15
397.550
-1448.750
32
99.500
1462.150
16
497.550
-1448.750
33
-11.100
1462.150
17
608.150
-1448.750
Pad Description
Pad No.
Pad Name
I/O
Internal
Connection
Function
8, 7
VDD, VSS
¾¾
Digital power supply, ground
3,4
VDDA, VSSA
¾¾
DAC power supply
18~25
PA0~PA7
I/O
Wake-up,
Pull-high or
None
Bidirectional 8-bit I/O port, wake-up by mask option
33~26
PB0~PB7
I/O
Pull-high or
None
Bidirectional 8-bit I/O port
17~10
PC0~PC7
I/O
Pull-high or
None
Bidirectional 8-bit I/O port
9
RESET
I
¾
Reset input, active low
6
OSC1
I
X
¢tal/Resistor XIN for X¢tal or ROSCIN for resistor by mask option
5
OSC2
O
¾
XOUT or T1
1
RCH
O
¾
DAC output R channel
2
LCH
O
¾
DAC output L channel
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+5.5V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT36FA
Rev. 1.10
3
March 13, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com