Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R06 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT45R06
Description  A/D Type 8-Bit OTP MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R06 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT45R06 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock
(Crystal OSC)
¾
2.2V~5.5V
¾
455
¾
kHz
2.4V~5.5V
¾
1000
¾
kHz
3.3V~5.5V
¾
2000
¾
kHz
fSYS2
System Clock
(RC OSC)
¾
2.2V~5.5V
¾
455
¾
kHz
2.4V~5.5V
¾
1000
¾
kHz
3.3V~5.5V
¾
2000
¾
kHz
fTIMER
Timer I/P Frequency
(TMR)
¾
2.2V~5.5V
0
¾
455
kHz
2.4V~5.5V
0
¾
1000
kHz
3.3V~5.5V
0
¾
2000
kHz
tWDTOSC Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
32
65
130
ms
tWDT1
Watchdog Time-out Period
(RC)
3V
¾
1.4
2.8~5.6
11
S
5V
1.1
2.3~4.7
9.4
S
tWDT2
Watchdog Time-out Period
(System Clock)
¾¾
2
17
¾
2
18
tSYS
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tCSST
System Start-up Timer Period
¾
Reset conditions occur,
when fSYS= 455kHz and
RES connect VDD
¾
2.5
5
ms
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tAD
A/D Clock Period
¾¾
1
¾¾
ms
tADC
A/D Conversion Time
¾¾
¾
76
¾
tAD
tADCS
A/D Sampling Time
¾¾
¾
32
¾
tAD
HT45R06
Rev. 1.00
5
May 24, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com