Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R06 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45R06
Description  A/D Type 8-Bit OTP MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R06 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45R06 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R06 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
HT45R06
Rev. 1.00
13
May 24, 2005
To guarantee that the system oscillator is started and
stabilized, the CSST (System Start-up Timer) provides
an extra delay of 2.5ms when the system resets
(power-up, WDT time-out or RES reset) or awakes from
the HALT state.
When a system reset occurs, the CSST delay is added
during the reset period. Any wake-up from HALT will en-
able the CSST delay.
An extra option load time delay is added during system
reset (power-up, WDT time-out at normal mode or RES
reset).
The functional unit chip reset status are shown below.
Program Counter
000H
Interrupt
Disable
Prescaler
Clear
WDT
Clear. After master reset,
WDT begins counting
Timer/Event Counter
Off
Input/Output Ports
Input mode
SP
Points to the top of the stack
The registers state are summarized in the following table.
Register
Reset
(Power On)
WDT time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
(HALT)*
MP
-xxx xxxx
-uuu uuuu
-uuu uuuu
-uuu uuuu
-uuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
Program
Counter
000H
000H
000H
000H
000H
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
--xx xxxx
--uu uuuu
--uu uuuu
--uu uuuu
--uu uuuu
OSCC
---- ---1
---- ---1
---- ---1
---- ---1
---- ---1
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
--11 uuuu
INTC
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
TMR
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRC
00-0 1000
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
PBC
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
PD
---- ---1
---- ---1
---- ---1
---- ---1
---- ---u
PDC
---- ---1
---- ---1
---- ---1
---- ---1
---- ---u
ADR
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADCR
0100 0000
0100 0000
0100 0000
0100 0000
uuuu uuuu
ACSR
1--- --00
1--- --00
1--- --00
1--- --00
u--- --uu
Note:
²*² means ²warm reset²
²u² means ²unchanged²
²x² means ²unknown²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com