Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV9 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT49CV9
Description  A/D With VFD Type 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV9 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT49CV9 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49CV9 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49CV9 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49CV9 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49CV9 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49CV9 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49CV9 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49CV9 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49CV9 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Pin Assignment
Note:
Each VDD (VSS) pins must be connected to the power (ground) of the system.
Pin Description
Pin Name
I/O
Options
Description
PA0/BZ
PA1/BZ
PA2
PA3/PFD
PA4~PA7
I/O
Wake-up
Pull-high
Buzzer
PFD
Bidirectional 8-bit input/output port. Each bit can be configured as a
wake-up input by configuration option. Software instructions determine if
the pin is a CMOS output or Schmitt trigger input with or without pull-high
resistor (determined by pull-high options: bit option). Pins PA0, PA1 and
PA3 are pin-shared with BZ, BZ and PFD, respectively.
PB0/AN0~
PB7/AN7
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine if
the pin is a CMOS output or Schmitt trigger input with or without pull-high
resistor (determined by pull-high option: bit option) or A/D input. Once a
PB line is selected as an A/D input (by using software control), the I/O
function and pull-high resistor are disabled automatically.
PC0~PC7
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine if
the pin is a CMOS output or Schmitt trigger input with or without pull-high
resistor (determined by pull-high option: bit option).
PD0/PWM0
PD1/PWM1
PD2/PWM2
PD3/PWM3
I/O
Pull-high
PWM
Bidirectional 4-bit input/output port. Software instructions determine if
the pin is a CMOS output or Schmitt trigger input with or without pull-high
resistor (determined by pull-high option: bit option).
HT49RV9/HT49CV9
Rev. 1.00
3
April 20, 2006
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1 3 2 3 3 3 4 3 5 3 6 3 7 3 8 3 9 4 0 4 1 4 2 4 3 4 4 4 5 4 6 4 7 4 8 4 9 5 0
8 1
8 2
8 3
8 4
8 5
8 6
8 7
8 8
8 9
9 0
9 1
9 2
9 3
9 4
9 5
9 6
9 7
9 8
9 9
1 0 0
8 0
7 9
7 8
7 7
7 6
7 5
7 4
7 3
7 2
7 1
7 0
6 9
6 8
6 7
6 6
6 5
6 4
6 3
6 2
6 1
6 0
5 9
5 8
5 7
5 6
5 5
5 4
5 3
5 2
5 1
P A 5
N C
N C
N C
N C
N C
P A 6
P A 7
P B 0 . A N 0
P B 1 / A N 1
P B 2 / A N 2
P B 3 / A N 3
P B 4 / A N 4
P B 5 / A N 5
P B 6 / A N 6
P B 7 / A N 7
V S S
P D 0 / P W M 0
P D 1 / P W M 1
P D 2 / P W M 2
P D 3 / P W M 3
P D 4 / I N T 0
P D 5 / I N T 1
P D 6 / T M R 0
P D 7 / T M R 1
P C 0
P C 1
P C 2
P C 3
V S S
N C
N C
G R I D 0
G R I D 1
G R I D 2
G R I D 3
G R I D 4
G R I D 5
G R I D 6
G R I D 7
V D D
V E E
S E G 1 9 / G R I D 8
S E G 1 8 / G R I D 9
S E G 1 7 / G R I D 1 0
S E G 1 6 / G R I D 1 1
S E G 1 5 / G R I D 1 2
S E G 1 4 / G R I D 1 3
S E G 1 3 / G R I D 1 4
S E G 1 2 / G R I D 1 5
N C
N C
N C
N C
N C
N C
N C
N C
N C
S E G 1 1
H T 4 9 R V 9 / H T 4 9 C V 9
1 0 0 Q F P - A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com