Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV9 Datasheet (PDF) - Holtek Semiconductor Inc

HT49CV9 Datasheet PDF - Holtek Semiconductor Inc
Part # HT49CV9
Download  HT49CV9 Download
File Size   350.81 Kbytes
Page   48 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description A/D With VFD Type 8-Bit MCU

HT49CV9 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT49CV9 Datasheet PDF - Holtek Semiconductor Inc

Part # HT49CV9
Download  HT49CV9 Click to download

File Size   350.81 Kbytes
Page   48 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description A/D With VFD Type 8-Bit MCU

HT49CV9 Datasheet (HTML) - Holtek Semiconductor Inc


HT49CV9 Product details

General Description
The HT49RV9/HT49CV9 are 8-bit high performance single chip MCUs. Their single cycle instruction and 2-stage pipeline architecture make them suitable for high speed applications. As the devices include an VFD driver they are suitable for use in products which require a front panel for their operation such as DVDs, VCDs, Mini-component audio systems, cassette decks, tuners, CD players, other home appliances, etc.

Features
• Operating voltage:
   fSYS=4MHz: 2.2V~5.5V
   fSYS=8MHz: 3.3V~5.5V
• 32 bidirectional I/O lines (PA, PB, PC, PD)
• Two external interrupt inputs
• Two 16-bit programmable timer/event counters with PFD (programmable frequency divider) function
• One 8-bit Remote Control Timer (RMT)
• Single channel serial interface
• VFD driver with 1216 segments (12-segment & 16-grid to 20-segment & 8-grid)
• 8K162 program memory
• 19284 data memory RAM
• Supports PFD for sound generation
• Real Time Clock (RTC), 32768Hz with quick start-up control bit
• 8-bit prescaler for RTC
• Watchdog Timer
• Buzzer output
• On-chip crystal, RC and 32768Hz crystal oscillator
• HALT function and wake-up feature reduce power consumption
• 16-level subroutine nesting
• 8-channel 10-bit resolution A/D converter
• 4-channel 8-bit PWM output shared with 4 I/O lines
• LVR function with enable/disable function
• Bit manipulation instruction
• 16-bit table read instruction
• Up to 0.5μs instruction cycle with 8MHz system clock
• 63 powerful instructions
• All instructions in 1 or 2 machine cycles
• 100-pin QFP package




Similar Part No. - HT49CV9

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49CV3 HOLTEK-HT49CV3 Datasheet
714Kb / 47P
Remote Control Receiver SWIP
2005-07-12
HT49CV3 HOLTEK-HT49CV3 Datasheet
334Kb / 44P
VFD Type 8-Bit MCU
March 20, 2007
HT49CV5 HOLTEK-HT49CV5 Datasheet
376Kb / 48P
A/D With VFD Type 8-Bit MCU
April 14, 2006
HT49CV7 HOLTEK-HT49CV7 Datasheet
362Kb / 48P
A/D With VFD Type 8-Bit MCU
April 20, 2006
More results


Similar Description - HT49CV9

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R63 HOLTEK-HT46R63 Datasheet
328Kb / 44P
A/D with LCD Type 8-Bit MCU
May 17, 2004
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
A/D Type 8-Bit MCU
November 23, 2005
HT49RV5 HOLTEK-HT49RV5 Datasheet
376Kb / 48P
A/D With VFD Type 8-Bit MCU
April 14, 2006
HT49RV7 HOLTEK-HT49RV7 Datasheet
362Kb / 48P
A/D With VFD Type 8-Bit MCU
April 20, 2006
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
A/D Type 8-Bit MCU
March 23, 2007
HT49RV3 HOLTEK-HT49RV3 Datasheet
334Kb / 44P
VFD Type 8-Bit MCU
March 20, 2007
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46R065V HOLTEK-HT46R065V Datasheet
465Kb / 72P
24V VFD Type 8-Bit OTP MCU
October 20, 2009
HT48R065V HOLTEK-HT48R065V Datasheet
397Kb / 61P
24V VFD Type 8-Bit OTP MCU
October 20, 2009
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
A/D Type 8-Bit MCU with LCD
May 26, 2011
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com