Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV3 Datasheet (PDF) - Holtek Semiconductor Inc

HT49CV3 Datasheet PDF - Holtek Semiconductor Inc
Part # HT49CV3
Download  HT49CV3 Download
File Size   714.79 Kbytes
Page   47 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Remote Control Receiver SWIP

HT49CV3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT49CV3 Datasheet PDF - Holtek Semiconductor Inc

Part # HT49CV3
Download  HT49CV3 Click to download

File Size   714.79 Kbytes
Page   47 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Remote Control Receiver SWIP

HT49CV3 Datasheet (HTML) - Holtek Semiconductor Inc


HT49CV3 Product details

General Description
The HT49RV3/HT49CV3 are 8-bit high performance single chip MCUs. Their single cycle instruction and 2-stage pipeline architecture make them suitable for high speed applications. As the devices include an VFD driver they are suitable for use in products which require a front panel for their operation such as DVDs, VCDs, mini-component audio systems, cassette decks, tuners, CD players, other home appliances, etc.

Features
• Operating voltage:
    fSYS=4MHz: 2.2V~5.5V
    fSYS=8MHz: 3.3V~5.5V
• 17 bidirectional I/O lines (PA, PB, PC, PD)
• Two external interrupt inputs
• Two 16-bit programmable timer/event counters with PFD (programmable frequency divider) function
• One 8-bit Remote Control Timer (RMT), pin-shared with PC7
• Single channel serial interface
• VFD driver with 11x11 segments (16-segment & 4-grid to 11-segment & 11-grid)
• 2Kx16 program memory
• 96x8 data memory RAM
• Supports PFD for sound generation
• Real Time Clock (RTC)
• 8-bit prescaler for RTC
• Watchdog Timer
• Buzzer output
• On-chip crystal, RC and 32768Hz crystal oscillator
• HALT function and wake-up feature reduce power consumption
• 6-level subroutine nesting
• Low voltage reset function
• Bit manipulation instruction
• 16-bit table read instruction
• Up to 0.5μs instruction cycle with 8MHz system clock
• 63 powerful instructions
• All instructions in 1 or 2 machine cycles
• 52-pin QFP package




Similar Part No. - HT49CV3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49CV3 HOLTEK-HT49CV3 Datasheet
334Kb / 44P
VFD Type 8-Bit MCU
March 20, 2007
More results


Similar Description - HT49CV3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS3637 TI-TMS3637 Datasheet
285Kb / 53P
Remote Control Transmitter/Receiver
logo
Princeton Technology Co...
PT2249A PTC-PT2249A Datasheet
48Kb / 6P
Infrared Remote Control Receiver
logo
Zarlink Semiconductor I...
ML922 ZARLINK-ML922 Datasheet
350Kb / 4P
REMOTE CONTROL RECEIVER
logo
New Japan Radio
NJL24H400A NJRC-NJL24H400A Datasheet
150Kb / 7P
INFRARED REMOTE CONTROL RECEIVER
NJL61V360A NJRC-NJL61V360A Datasheet
223Kb / 6P
INFRARED REMOTE CONTROL RECEIVER
NJL61H300 NJRC-NJL61H300 Datasheet
221Kb / 6P
IFRARED REMOTE CONTROL RECEIVER
logo
List of Unclassifed Man...
ML923 ETC1-ML923 Datasheet
310Kb / 4P
REMOTE CONTROL RECEIVER
logo
New Japan Radio
NJL31H360A NJRC-NJL31H360A Datasheet
143Kb / 7P
INFRARED REMOTE CONTROL RECEIVER
NJL71H000A NJRC-NJL71H000A Datasheet
124Kb / 5P
INFRARED REMOTE CONTROL RECEIVER
logo
Princeton Technology Co...
PT2249A PTC-PT2249A_07 Datasheet
488Kb / 23P
Remote Control Receiver IC
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com