Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV3 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT49CV3
Description  Remote Control Receiver SWIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV3 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT49CV3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
HT49CV3
Rev. 1.10
4
2005-07-12
引脚图
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2
3 4
3 5
3 6
3 7
3 8
3 9
4 8
4 9
5 0
5 1
5 2
2 3 2 4 2 5 2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
H T 4 9 C V 3
5 2 Q F P - A
4 0
4 1
4 2
4 3
4 4
4 5
4 6
4 7
P B 1
P B 0
P A 7
P A 6
P A 5
P A 4
P A 3 / P F D
P A 2
P A 1 / B Z
P A 0 / B Z
R E S
O S C 1
O S C 2
S E G 5
S E G 6
S E G 7
S E G 8
S E G 9
S E G 1 0
S E G 1 1 / G R I D 1 0
S E G 1 2 / G R I D 9
S E G 1 3 / G R I D 8
S E G 1 4 / G R I D 7
S E G 1 5 / G R I D 6
V E E
V D D
注: 每个
VDD(VSS)引脚都必须连接到系统的 power(ground)
极限参数
电源供应电压
………….VSS-0.3V~VSS+6.0V
储存温度
………….-50℃~125℃
端口输入电压
………….VSS-0.3V~VDD+0.3V
工作温度
………..….-40℃~85℃
注:这里只强调额定功率,超过极限参数所规定的范围将对芯片造成损害,无法预期芯片在上述标示范围外的工作状态,而
且若长期在标示范围外的条件下工作,可能影响芯片的可靠性。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com