Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV3 Datasheet (PDF) - Holtek Semiconductor Inc

HT49CV3 Datasheet PDF - Holtek Semiconductor Inc
Part # HT49CV3
Download  HT49CV3 Download
File Size   334.37 Kbytes
Page   44 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description VFD Type 8-Bit MCU

HT49CV3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT49CV3 Datasheet PDF - Holtek Semiconductor Inc

Part # HT49CV3
Download  HT49CV3 Click to download

File Size   334.37 Kbytes
Page   44 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description VFD Type 8-Bit MCU

HT49CV3 Datasheet (HTML) - Holtek Semiconductor Inc


HT49CV3 Product details

General Description
The HT49RV3/HT49CV3 are 8-bit high performance single chip MCUs. Their single cycle instruction and 2-stage pipeline architecture make them suitable for high speed applications. As the devices include an VFD driver they are suitable for use in products which require a front panel for their operation such as DVDs, VCDs, mini-component audio systems, cassette decks, tuners, CD players, other home appliances, etc.

Features
• Operating voltage:
    fSYS=4MHz: 2.2V~5.5V
    fSYS=8MHz: 3.3V~5.5V
• 17 bidirectional I/O lines (PA, PB, PC, PD)
• Two external interrupt inputs
• Two 16-bit programmable timer/event counters with PFD (programmable frequency divider) function
• One 8-bit Remote Control Timer (RMT), pin-shared with PC7
• Single channel serial interface
• VFD driver with 11x11 segments (16-segment & 4-grid to 11-segment & 11-grid)
• 2Kx16 program memory
• 96x8 data memory RAM
• Supports PFD for sound generation
• Real Time Clock (RTC)
• 8-bit prescaler for RTC
• Watchdog Timer
• Buzzer output
• On-chip crystal, RC and 32768Hz crystal oscillator
• HALT function and wake-up feature reduce power consumption
• 6-level subroutine nesting
• Low voltage reset function
• Bit manipulation instruction
• 16-bit table read instruction
• Up to 0.5μs instruction cycle with 8MHz system clock
• 63 powerful instructions
• All instructions in 1 or 2 machine cycles
• 52-pin QFP package




Similar Part No. - HT49CV3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49CV3 HOLTEK-HT49CV3 Datasheet
714Kb / 47P
Remote Control Receiver SWIP
2005-07-12
More results


Similar Description - HT49CV3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
Remote Type 8-Bit MCU
June 25, 2004
HT49RV5 HOLTEK-HT49RV5 Datasheet
376Kb / 48P
A/D With VFD Type 8-Bit MCU
April 14, 2006
HT49RV7 HOLTEK-HT49RV7 Datasheet
362Kb / 48P
A/D With VFD Type 8-Bit MCU
April 20, 2006
HT49RV9 HOLTEK-HT49RV9 Datasheet
350Kb / 48P
A/D With VFD Type 8-Bit MCU
April 20, 2006
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
Remote Type 8-Bit MCU
October 12, 2007
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
Remote Type 8-Bit MCU
October 12, 2007
HT46R065V HOLTEK-HT46R065V Datasheet
465Kb / 72P
24V VFD Type 8-Bit OTP MCU
October 20, 2009
HT48R065V HOLTEK-HT48R065V Datasheet
397Kb / 61P
24V VFD Type 8-Bit OTP MCU
October 20, 2009
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
LCD Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
Remote Type 8-bit MCU
March 24, 2016
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com