Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV3 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT49CV3
Description  VFD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV3 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT49CV3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VIH1
Input High Voltage for I/O Ports,
TMR and INT
3V
¾
0.8VDD
¾
VDD
V
5V
VIL2
Input Low Voltage (RES)
3V
¾
0
¾
0.4VDD
V
5V
VIH2
Input High Voltage (RES)
3V
¾
0.9VDD
¾
VDD
V
5V
IOL
I/O Port Sink Current
3V
VOL=0.1VDD
612
¾
mA
5V
10
25
¾
mA
IOH1
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-8
¾
mA
IOH2
Grid Source Current
5V
VOH=VDD
-2V
-15
¾¾
mA
IOH3
Segment Source Current
5V
VOH=VDD
-2V
-3
¾¾
mA
RPH
Pull-high Resistance of I/O Ports
and INT0, INT1
3V
¾
20
60
100
k
W
5V
¾
10
30
50
k
W
RPL
VFD Driver Output Pull-low
Resistor
5V
¾
50
100
150
k
W
VLVR
Low Voltage Reset Voltage
¾ LVR enabled
2.7
3.0
3.3
V
Note:
²*fS² Refer to WDT clock option
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock
¾ 2.2V~5.5V
400
¾
4000
kHz
¾ 3.3V~5.5V
400
¾
8000
kHz
fSYS2
System Clock
(32768Hz Crystal OSC)
¾ 2.2V~5.5V
¾
32768
¾
Hz
fRTCOSC
RTC Frequency
¾¾
¾
32768
¾
Hz
fTIMER
Timer I/P Frequency
(TMR0/TMR1)
¾ 2.2V~5.5V
0
¾
4000
kHz
¾ 3.3V~5.5V
0
¾
8000
kHz
tWDTOSC Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Power-up or wake-up from
HALT
¾
1024
¾
tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
Note: tSYS= 1/fSYS
HT49RV3/HT49CV3
Rev. 1.30
5
March 20, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com