Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV3 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT49CV3
Description  VFD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV3 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT49CV3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
HT49RV3/HT49CV3
VFD Type 8-Bit MCU
Rev. 1.30
1
March 20, 2007
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
· 17 bidirectional I/O lines (PA, PB, PC, PD)
· Two external interrupt inputs
· Two 16-bit programmable timer/event counters with
PFD (programmable frequency divider) function
· One 8-bit Remote Control Timer (RMT), pin-shared
with PC7
· Single channel serial interface
· VFD driver with 11´11 segments
(16-segment & 4-grid to 11-segment & 11-grid)
· 2K´16 program memory
· 96´8 data memory RAM
· Supports PFD for sound generation
· Real Time Clock (RTC)
· 8-bit prescaler for RTC
· Watchdog Timer
· Buzzer output
· On-chip crystal, RC and 32768Hz crystal oscillator
· HALT function and wake-up feature reduce power
consumption
· 6-level subroutine nesting
· Low voltage reset function
· Bit manipulation instruction
· 16-bit table read instruction
· Up to 0.5ms instruction cycle with 8MHz system clock
· 63 powerful instructions
· All instructions in 1 or 2 machine cycles
· 52-pin QFP package
General Description
The HT49RV3/HT49CV3 are 8-bit high performance
single chip MCUs. Their single cycle instruction and
2-stage pipeline architecture make them suitable for
high speed applications. As the devices include an VFD
driver they are suitable for use in products which require
a front panel for their operation such as DVDs, VCDs,
mini-component audio systems, cassette decks, tuners,
CD players, other home appliances, etc.
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0077E HT49CVX Remote Control Receiver SWIP Design Note
- HA0078E HT49CVX Display SWIP Design Note


Similar Part No. - HT49CV3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49CV3 HOLTEK-HT49CV3 Datasheet
714Kb / 47P
Remote Control Receiver SWIP
2005-07-12
More results

Similar Description - HT49CV3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
Remote Type 8-Bit MCU
June 25, 2004
HT49RV5 HOLTEK-HT49RV5 Datasheet
376Kb / 48P
A/D With VFD Type 8-Bit MCU
April 14, 2006
HT49RV7 HOLTEK-HT49RV7 Datasheet
362Kb / 48P
A/D With VFD Type 8-Bit MCU
April 20, 2006
HT49RV9 HOLTEK-HT49RV9 Datasheet
350Kb / 48P
A/D With VFD Type 8-Bit MCU
April 20, 2006
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
Remote Type 8-Bit MCU
October 12, 2007
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
Remote Type 8-Bit MCU
October 12, 2007
HT46R065V HOLTEK-HT46R065V Datasheet
465Kb / 72P
24V VFD Type 8-Bit OTP MCU
October 20, 2009
HT48R065V HOLTEK-HT48R065V Datasheet
397Kb / 61P
24V VFD Type 8-Bit OTP MCU
October 20, 2009
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
LCD Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
Remote Type 8-bit MCU
March 24, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com