Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV3 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT49CV3
Description  VFD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV3 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT49CV3 Datasheet HTML 18Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 19Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 20Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 21Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 22Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 23Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 24Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 25Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
HT49RV3/HT49CV3
Rev. 1.30
22
March 20, 2007
¨ Slave mode operation
Step1: CKS don
¢t care and select M1, M0 =11
Step2: Select CSEN, MLS (the same as the master)
Step3: Set SBEN
Step4: Writing data to SBDR
- data is stored in the TXRX buffer
- waiting for master clock signal (and SCS): SCK
- go to step 5
Note: SIO internal operation:
* SCK (SCS) received
* output data in TXRX buffer and SDI data
is shifted into TXRX buffer
* data transferred, data in TXRX buffer is
latched into SBDR
Step5: Check WCOL
- WCOL=1, clear WCOL, go to step 4
- WCOL=0, go to step 6
Step6: Check TRFor waiting for serial bus interrupt
Step7: Read data from SBDR
Step8: Clear TRF
Step9: Go to step 4
Input/Output Ports
There are 17 bidirectional input/output lines in the
microcontroller, labeled as PA, PB, PC and PD, which
are mapped to the data memory of [12H], [14H], [16H]
and [18H], respectively. All of these I/O ports can be
used for input and output operations. For input opera-
tion, these ports are non-latching, that is, the inputs
must be ready at the T2 rising edge of instruction
²MOV
A,[m]
² (m=12H, 14H, 16H or 18H). For output operation,
all the data is latched and remains unchanged until the
output latch is rewritten.
Each I/O line has its own control register (PAC, PBC,
PCC, PDC) to control the input/output configuration.
With this control register, CMOS output or Schmitt Trig-
ger input with or without pull-high resistor structures can
be reconfigured dynamically under software control. To
function as an input, the corresponding latch of the con-
trol register must write a
²1². The input source also de-
pends on the control register. If the control register bit is
²1², the input will read the pad state. If the control regis-
ter bit is
²0², the contents of the latches will move to the
internal bus. The latter is possible in the
²read-modify-
write
² instruction.
For an output function, CMOS is the only configuration.
These control registers are mapped to locations 13H,
15H, 17H and 19H.
After a chip reset, these input/output lines remain at high
levels or floating state (depending on pull-high options).
Each bit of these input/output latches can be set or
cleared by
²SET [m].i² and ²CLR [m].i² (m=12H, 14H,
16H or 18H) instructions.
Some instructions first input data and then follow the
output operations. For example,
²SET [m].i², ²CLR
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
Each line of port A has the capability of waking-up the
device.
Each I/O port has a pull-high option. Once the pull-high
option is selected, the I/O port has a pull-high resistor,
otherwise, there
¢s none. Take note that a non-pull-high
I/O port operating in input mode will cause a floating
state.
The PA3 pin is pin-shared with the PFD signal. If the
PFD option is selected, the output signal in the output
mode of PA3 will be the PFD signal generated by the
timer/event counter overflow signal. The input mode al-
ways retains its original functions. Once the PFD option
is selected, the PFD output signal is controlled by the
PA3 data register only. Writing a
²1² to the PA3 data reg-
ister will enable the PFD output function and writing a
²0² will force the PA3 pin to remain at ²0². The I/O func-
tions of PA3 are shown below.
I/O
Mode
I/P
(Normal)
O/P
(Normal)
I/P
(PFD)
O/P
(PFD)
PA3
Logical
Input
Logical
Output
Logical
Input
PFD
(Timer on)
Note: The PFD frequency is the timer/event counter
overflow frequency divided by 2.
The descriptions of PFD control signal and PFD output
frequency are listed in the following table.
Timer
Timer
Preload
Value
PA3 Data
Register
PA3 Pad
State
PFD
Frequency
OFF
X
0
0
X
OFF
X
1
U
X
ON
N
0
0
X
ON
N
1
PFD
fTMR/[2
´(M-N)]
Note:
²X² stands for unused
²U² stands for unknown
²M² is ²65536² for PFD0 or PFD1
²N² is preload value for timer/event counter
²fTMR² is input clock frequency for timer/event
counter
The PA0 and PA1 pins are pin-shared with the BZ and
BZ signal, respectively. If the BZ/BZ option is selected,
the output signal in the output mode of PA0/PA1 will be
the buzzer signal generated by the multi-function timer.
The input mode always remains in its original function.
Once the BZ/BZ option is selected, the buzzer output
signal are controlled by the PA0/PA1 data register only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com