Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49CV3 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT49CV3
Description  VFD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV3 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT49CV3 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 14Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 15Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 16Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 17Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 18Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 19Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
HT49RV3/HT49CV3
Rev. 1.30
16
March 20, 2007
Register
Reset
(Power-on)
WDT Time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
(HALT)*
INTC0
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
INTC1
-000 -000
-000 -000
-000 -000
-000 -000
-uuu -uuu
RMTC
0000 000-
0000 000-
0000 000-
0000 000-
uuuu uuu-
MFIS
---0 0000
---0 0000
---0 0000
---0 0000
---u uuuu
RTCC
---0 -111
---0 -111
---0 -111
---0 -111
---u -uuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
PBC
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
PC
1--- ----
1--- ----
1--- ----
1--- ----
u--- ----
PCC
1--- ----
1--- ----
1--- ----
1--- ----
u--- ----
PD
1111 ----
1111 ----
1111 ----
1111 ----
uuuu ----
PDC
1111 ----
1111 ----
1111 ----
1111 ----
uuuu ----
SBCR
0110 0000
0110 0000
0110 0000
0110 0000
uuuu uuuu
SBDR
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
RMT0
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
RMT1
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
VFDC
0000 -111
0000 -111
0000 -111
0000 -111
0000 -111
Note:
²*² stands for ²warm reset²
²u² stands for ²unchanged²
²x² stands for ²unknown²
Timer/Event Counter
Two timer/event counters (TMR0,TMR1) are imple-
mented in the microcontroller. The Timer/Event
Counter 0 contains a 16-bit programmable count-up
counter and the clock may come from an external
source or an internal clock source. An internal clock
source comes from fSYS. The Timer/Event Counter 1
contains a 16-bit programmable count-up counter
and the clock may come from an external source or
an internal clock source. An internal clock source co-
mes from fSYS/4 or 32768Hz selected by option. The
external clock input allows the user to count external
events, measure time intervals or pulse widths, or to
generate an accurate time base.
There are six registers related to the Timer/Event
Counter 0 and Timer/Event Counter 1; TMR0H
(0CH), TMR0L (0DH), TMR0C (0EH) and the
Timer/Event Counter 1, TMR1H (0FH), TMR1L (10H),
and TMR1C (11H). Writing TMR0L (TMR1L) will only
place the written data to an internal lower-order byte
buffer (8-bit) and writing TMR0H (TMR1H) will trans-
fer the specified data and the contents of the
lower-order byte buffer to TMR0H (TMR1H) and
TMR0L (TMR1L) registers, respectively. The
Timer/Event Counter 1/0 preload register is changed
by each writing TMR0H (TMR1H) operations. Read-
ing TMR0H (TMR1H) will latch the contents of TMR0H
(TMR1H) and TMR0L (TMR1L) counters to the destination
and the lower-order byte buffer, respectively. Reading the
TMR0L (TMR1L) will read the contents of the lower-order
byte buffer. The TMR0C (TMR1C) is the Timer/Event
Counter 0 (1) control register, which defines the operating
mode, counting enable or disable and an active edge.
The TM0 and TM1 bits define the operation mode. The
event count mode is used to count external events, which
means that the clock source is from an external (TMR0,
TMR1) pin. The timer mode functions as a normal timer
with the clock source coming from the internal selected
clock source. Finally, the pulse width measurement mode
can be used to count the high or low level duration of the
external signal (TMR0, TMR1), and the counting is based
on the internal selected clock source.
In the event count or timer mode, the timer/event counter
starts counting at the current contents in the timer/event
counter and ends at FFFFH. Once an overflow occurs, the
counter is reloaded from the timer/event counter preload
register, and generates an interrupt request flag (T0F; bit 6
of the INTC0, T1F; bit 4 of the INTC1). In the pulse width
measurement mode with the values of the TON and TE
bits equal to 1, after the TMR0 (TMR1) has received a tran-
sient from low to high (or high to low if the TE bit is
²0²), it
will start counting until the TMR0 (TMR1) returns to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com