Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2C111 Datasheet(PDF) 1 Page - Solid State Optronic

Part # AD2C111
Description  Solid State Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD2C111 Datasheet(HTML) 1 Page - Solid State Optronic

  AD2C111 Datasheet HTML 1Page - Solid State Optronic AD2C111 Datasheet HTML 2Page - Solid State Optronic AD2C111 Datasheet HTML 3Page - Solid State Optronic AD2C111 Datasheet HTML 4Page - Solid State Optronic AD2C111 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AD2C111
1 Form A
Solid State Relay
The AD2C111 is a bi-directional, single-pole, single-throw, normally open multipurpose solid-state relay. It is designed to replace
electromechanical relays in general purpose switching applications. The relay consists of an integrated circuit that drives two rugged
source-to-source enhancement type DMOS transistors - optically coupled to a light emitting diode.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Low input control power consumption (2.5mA TYP)
•
130mA maximum continuous load current
•
30 ohms maximum on-resistance
•
High input-to-output isolation
•
Long life/high reliability
•
Reed relay replacement
•
Meter reading systems
•
Medical equipment
•
Battery monitoring
•
Multiplexers
•
.04" (10.16mm) lead spacing (VDE0884)
• -H
Surface Mount Option
• -S
Tape and Reel Option
• -TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-40
150
Operating Temperature
°C
-40
85
Continuous Forward
Current
mA
50
Peak Forward Current
A
1
Reverse Voltage
V
5
Output Power Dissipation
mW
500
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
•
C-UL FILE #E201932
•
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 5
AD2C111
rev 1.40 (10/25/2004)
UL FILE #E201932
1
+ INPUT
- INPUT
LOAD
LOAD
2
4
3


Similar Part No. - AD2C111

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
AD2C111 SOLIDSTATE-AD2C111 Datasheet
246Kb / 5P
Small 4 pin DIP package outline - reduces board space
logo
Solid State Optronic
AD2C111-L SSOUSA-AD2C111-L Datasheet
249Kb / 5P
Solid State Relay with Current Limiting
logo
Solid State Inc
AD2C111-L SOLIDSTATE-AD2C111-L Datasheet
249Kb / 5P
Small 4 pin DIP package outline - reduces board space
logo
Solid State Optronic
AD2C111 SSOUSA-AD2C111_15 Datasheet
246Kb / 5P
Small 4 pin DIP package outline - reduces board space
More results

Similar Description - AD2C111

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
Solid State Relay
06-March-02
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com