Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M271 Datasheet(PDF) 1 Page - Solid State Optronic

Part # M271
Description  1 Form A Solid State Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

M271 Datasheet(HTML) 1 Page - Solid State Optronic

  M271 Datasheet HTML 1Page - Solid State Optronic M271 Datasheet HTML 2Page - Solid State Optronic M271 Datasheet HTML 3Page - Solid State Optronic M271 Datasheet HTML 4Page - Solid State Optronic M271 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M271
1 Form A
Solid State Relay
The M271 is a bi-directional, single-pole, single-throw, normally open multipurpose solid-state relay in a miniature 4-pin small outline
package. It is designed to be a cost-effective replacement of reed relays in low voltage applications. The relay consists of an integrated
circuit that drives two rugged source-to-source enhancement type DMOS transistors - optically coupled to a light emitting diode. The
output MOS transistors are protected with free-wheeling diodes that can handle up to 1.5A of inrush current, making the relay ideal for
switching lamps and highly inductive loads.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Ultra miniature 4-pin small outline package
•
Low input control power consumption (3mA TYP)
•
10 ohms maximum on-resistance
•
60V load voltage rating
•
125mA maximum continuous load current
•
High input-to-output isolation (1500V MIN)
•
Long life/high reliability
•
Reed relay replacement
•
Meter reading systems
•
Medical equipment
•
Battery monitoring
•
Multiplexers
•
Tape and Reel
• -TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Forward
Current
mA
50
Peak Forward Current
(1us)
A
1
Reverse Input Control
Voltage
V
5
Output Power Dissipation
mW
400
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
UL / C-UL Approved (File # E201932)
•
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 5
M271
rev 1.40 (10/25/2004)


Similar Part No. - M271

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M271 ETC1-M271 Datasheet
167Kb / 5P
Solid State Relay
logo
Solid State Inc
M271 SOLIDSTATE-M271 Datasheet
170Kb / 5P
Ultra miniature 4-pin small outline package
logo
List of Unclassifed Man...
M271-TR ETC1-M271-TR Datasheet
167Kb / 5P
Solid State Relay
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
NMOS 128K 16K x 8 UV EPROM
Mar-1995
logo
Intel Corporation
M27128A INTEL-M27128A Datasheet
622Kb / 9P
AVDVANCED 64K (8K x 8) UV ERASABLE PROM
More results

Similar Description - M271

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1510AAB VISHAY-LH1510AAB Datasheet
180Kb / 10P
1 Form A Solid State Relay
26-Oct-04
logo
Solid State Optronic
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
1 Form A Solid State Relay
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
1 Form A Solid State Relay
logo
Vishay Siliconix
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
1 Form A Solid State Relay
26-Oct-04
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
1 Form A Solid State Relay
26-Oct-04
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
1 Form A Solid-State Relay
25-Jul-11
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
1 Form A Solid-State Relay
17-Nov-15
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
1 Form A Solid-State Relay
09-Jun-16
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
1 Form A Solid-State Relay
12-Jun-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com