Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMM5206LP Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # EMM5206LP
Description  K Band Oscillator MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

EMM5206LP Datasheet(HTML) 1 Page - Eudyna Devices Inc

  EMM5206LP Datasheet HTML 1Page - Eudyna Devices Inc EMM5206LP Datasheet HTML 2Page - Eudyna Devices Inc EMM5206LP Datasheet HTML 3Page - Eudyna Devices Inc EMM5206LP Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Edition 4.0
August 2005
K Band Oscillator MMIC
EMM5206LP
FEATURES
・
High Output Power : Pout=5dBm @Vdd=4V (typ.)
・
Low Power Consumption : Idd=20mA @Vdd=4V (typ.)
・
Low Phase Noise :
Φn=-100dBc/Hz @100KHz offset, fosc=24GHz
・
Low Spurious Level : RJ2nd<-40dBc
・
High Reliability, High Breakdown Voltage : Vgdo=20V, Igdo=160uA
DESCRIPTION
The ES/EMM5206LP is a negative resistance MMIC designed for
K-band doppler sensor application as an oscillator. This product is
well suited for radiowave sensor and LMDS applications.
ABSOLUTE MAXIMUM RATING
Item
Symbol
Unit
DC Drain Voltage
Vdd
V
Storage Temperature
Tstg
oC
Operating Case Temperature
TC
oC
RECOMMENDED OPERATING CONDITIONS
Item
Symbol
Unit
DC Drain Voltage
Vdd
V
DC Gate Voltage
Vgg
V
ELECTRICAL CHARACTERISTICS (Case Temperature Tc=25
oC)
Min.
Typ.
Max.
Oscillation frequency
fosc
15
-
24.5
GHz
Output Power
Pout
Vdd=+4.0V typ.
-
5
-
dBm
Phase Noise at 100KHz offset
Φn
Vgg=0V(GND)
-
-100
-
dBc
Drain Current
Idd
fosc=24.0GHz
-
20
-
mA
2nd Harmonic Rejection
RJ2nd
-
-40
-
dBc
Pushing
∆fv
-
5.7
MHz/V
Temperature Sencitivity
∆ft
-
0.2
-
MHz/
oC
ESD
Note : Based on EIAJ ED-4701 C-111A(C=100pF, R=1.5kΩ)
CASE STYLE
Unit
Class 1
Item
Symbol
Test Conditions
200 ~ 499V
LP
Limits
Rating
6
-40 to +85
Condition
0
-55 to +125
4
Eudyna’s stringent Quality Assurance Program assures the highest reliability and
consistent performance.
Recommended operating conditions provide typical electrical characteristics and high reliability.


Similar Part No. - EMM5206LP

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
EMM5068VU EUDYNA-EMM5068VU Datasheet
222Kb / 16P
X-Band Power Amplifier MMIC
EMM5081V1B EUDYNA-EMM5081V1B Datasheet
197Kb / 16P
Ku-Band Power Amplifier MMIC
EMM5317ZW EUDYNA-EMM5317ZW Datasheet
50Kb / 3P
Single Pole Double Throw Switch 2.4 GHz Wireless LAN Transmit / Receive Applications
EMM5322ZU EUDYNA-EMM5322ZU Datasheet
55Kb / 3P
Double Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
EMM5328ZW EUDYNA-EMM5328ZW Datasheet
35Kb / 3P
Single Pole Double Throw Switch 0.1 - 6 GHz Wireless LAN Transmit / Receive Applications
More results

Similar Description - EMM5206LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMM5709VZ ETC1-FMM5709VZ Datasheet
207Kb / 12P
K/ Ka Band Low Noise Amplifier MMIC
FMM5709X ETC1-FMM5709X Datasheet
106Kb / 9P
K/Ka Band Low Noise Amplifier MMIC
logo
Eudyna Devices Inc
EMM5834X EUDYNA-EMM5834X Datasheet
318Kb / 14P
Ku / K-Band Power Amplifier MMIC
ESM5804YD EUDYNA-ESM5804YD Datasheet
240Kb / 13P
K,Ka-Band Power Amplifier MMIC
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
K-Band Power Amplifier MMIC
FMM5703VZ EUDYNA-FMM5703VZ Datasheet
208Kb / 12P
K / Ka Band Low Noise Amplifier MMIC
FMM5804VY EUDYNA-FMM5804VY Datasheet
285Kb / 14P
K / Ka Band Power Amplifier MMIC
FMM5822X EUDYNA-FMM5822X Datasheet
299Kb / 14P
K-Band Power Amplifier MMIC
FMM5823X EUDYNA-FMM5823X Datasheet
423Kb / 15P
K-Band Power Amplifier MMIC
FMM5829X EUDYNA-FMM5829X Datasheet
259Kb / 14P
K-Band Power Amplifier MMIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com