Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMM5206LP Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # EMM5206LP
Description  K Band Oscillator MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

EMM5206LP Datasheet(HTML) 3 Page - Eudyna Devices Inc

  EMM5206LP Datasheet HTML 1Page - Eudyna Devices Inc EMM5206LP Datasheet HTML 2Page - Eudyna Devices Inc EMM5206LP Datasheet HTML 3Page - Eudyna Devices Inc EMM5206LP Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Edition 4.0
August 2005
K Band Oscillator MMIC
EMM5206LP
Vdd
DR
MMIC
output
50ohm
33pF
■
Board Layout ( Substrate : RO4003C,
εr=3.38, t=0.5mm
DR : DRD02600115R00Z00T
)
■
Package Outline
PIN ASSIGNMENT
1: VGG
2: GND
3: VDD
4: GND
Unit: mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com