Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K94E Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82K94E
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K94E Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82K94E Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K94E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
HT82K94E/HT82K94A
USB Multimedia Keyboard Encoder 8-Bit MCU
Rev. 1.00
1
November 22, 2005
General Description
This device is an 8-bit high performance RISC architec-
ture microcontroller designed for USB product applica-
tions. It is particularly suitable for use in products such
as keyboards and keyboard with calculator. A HALT fea-
ture is included to reduce power consumption. The
mask version HT82K94A is fully pin and functionally
compatible with the OTP version HT82K94E device.
HT82K94A under development, available in 2Q, 2006.
Features
· Operating voltage:
fSYS=6M/12MHz: 2.2V~5.5V
· 40 bidirectional I/O lines (max.)
· 8-bit programmable timer/event counter with over-
flow interrupt (shared with PD4, vector 08H)
· 16-bit programmable timer/event counter and over-
flow interrupts (shared with PA7, vector 0CH)
· Crystal oscillator (6MHz or 12MHz)
· Watchdog Timer
· PS2 and USB modes supported
· USB1.1 low speed function
· 4 endpoints supported (endpoint 0 included)
· 6144´16 program memory ROM
· 224´8 data memory RAM
· One external interrupt input (shared with PA4 vector
04H)
· One internal USB interrupt (vector 04H)
· All I/O ports support wake-up options
· HALT function and wake-up feature reduce power
consumption
· 8-level subroutine nesting
· Up to 0.33ms instruction cycle with 12MHz system
clock at VDD=5V
· Bit manipulation instruction
· 16-bit table read instruction
· 63 powerful instructions
· All instructions in one or two machine cycles
· Optional 3-battery mode 2.4V LVR/2.6V LVD (±0.1V)
by option, Low battery detector with internal bit
· Optional 2-battery mode 2.2V LVR/2.4V LVD (±0.1V)
by option, Low battery detector with internal bit
· Operating voltage from 4.0V to 5.5V (For Connect
USB/PS2 Mode)
· Operating voltage from 2.2V to 3.3V (For Pure Cal.
Mode)
· 40-pin DIP, 48-pin SSOP package
Technical Document
· Tools Information
· FAQs
· Application Note


Similar Part No. - HT82K94E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K94E HOLTEK-HT82K94E Datasheet
305Kb / 43P
USB Multimedia Keyboard Encoder 8-Bit MCU
October 11, 2007
HT82K94E HOLTEK-HT82K94E_07 Datasheet
305Kb / 43P
USB Multimedia Keyboard Encoder 8-Bit MCU
October 11, 2007
HT82K94E HOLTEK-HT82K94E_14 Datasheet
261Kb / 43P
USB Multimedia Keyboard Encoder 8-Bit MCU
November 5, 2014
More results

Similar Description - HT82K94E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K96E HOLTEK-HT82K96E Datasheet
325Kb / 46P
8-Bit USB Multimedia Keyboard Encoder OTP MCU
April 22, 2004
HT82K95E HOLTEK-HT82K95E Datasheet
347Kb / 48P
USB Multimedia Keyboard Encoder 8-Bit MCU
October 24, 2005
HT82K94E HOLTEK-HT82K94E_07 Datasheet
305Kb / 43P
USB Multimedia Keyboard Encoder 8-Bit MCU
October 11, 2007
HT82K95EE HOLTEK-HT82K95EE Datasheet
327Kb / 45P
USB Multimedia Keyboard Encoder 8-Bit MCU
April 13, 2012
HT82K96A HOLTEK-HT82K96A Datasheet
348Kb / 46P
USB Multimedia Keyboard Encoder 8-Bit Mask MCU
August 25, 2006
HT82K96E HOLTEK-HT82K96E_07 Datasheet
321Kb / 44P
USB Multimedia Keyboard Encoder 8-Bit OTP MCU
October 11, 2007
HT82K68E-L HOLTEK-HT82K68E-L_09 Datasheet
240Kb / 38P
Multimedia Keyboard Encoder 8-Bit MCU
August 5, 2009
HT82K94E HOLTEK-HT82K94E_14 Datasheet
261Kb / 43P
USB Multimedia Keyboard Encoder 8-Bit MCU
November 5, 2014
HT82K95E HOLTEK-HT82K95E_14 Datasheet
268Kb / 42P
USB Multimedia Keyboard Encoder 8-Bit MCU
November 5, 2014
HT82K95EE HOLTEK-HT82K95EE_12 Datasheet
325Kb / 43P
USB Multimedia Keyboard Encoder 8-Bit MCU
April 13, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com