Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1650 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT1650
Description  64x32 LCD Controller for I/O MCU
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1650 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT1650 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 18Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Name
Command Code
D/C
Function
Def.
F8
X100-1010-0011-XXXX
C
Time base clock output: 8Hz
The WDT time-out flag after 1/2s
F16
X100-1010-0100-XXXX
C
Time base clock output: 16Hz
The WDT time-out flag after 1/4s
F32
X100-1010-0101-XXXX
C
Time base clock output: 32Hz
The WDT time-out flag after 1/8s
F64
X100-1010-0110-XXXX
C
Time base clock output: 64Hz
The WDT time-out flag after 1/16s
F128
X100-1010-0111-XXXX
C
Time base clock output: 128Hz
The WDT time-out flag after 1/32s
Yes
TEST
X100-1111-1111-XXXX
C
Test mode, not for use by the user
NORMAL
X100-1111-1110-XXXX
C
Normal mode, 64
´32 mode will be set
Yes
Note:
²X² stands for don¢t care
A8~A0: RAM address
D3~D0: RAM data
D/C: Data/Command mode
Def.: Power-on reset default
All the bold forms, namely, 110, 101, and 100, are mode commands. Of these, 100 indicates the command
mode ID. If successive commands have been issued, the command mode ID except for the first command will
be omitted. The tone frequency source and the time base or WDT clock frequency source can be derived from
an on-chip 32kHz RC oscillator, a 32.768kHz crystal oscillator, or an external 32kHz clock. Calculation of the
frequency is based on the system frequency sources as stated above. It is recommended that the host control-
ler should initialize the HT1650 after power-on reset, otherwise, power on reset may fail, which in turn leads to
the malfunctioning of the HT1650.
HT1650
Rev. 1.20
16
November 10, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com