Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8 Datasheet(PDF) 1 Page - ams AG

Part # DAC8
Description  Analog Standard Cell 8-Bit Digital to Analog Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

DAC8 Datasheet(HTML) 1 Page - ams AG

  DAC8 Datasheet HTML 1Page - ams AG DAC8 Datasheet HTML 2Page - ams AG DAC8 Datasheet HTML 3Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revision A, 26.11.02
Page 1 of 3
Process
CUE (0.6µ m)
Key Features
-
Full 8-Bit Resolution and Linearity
-
Small Area 0.044 mm²;
-
Size x = 216
µm, y = 202µm
-
Supply Voltage 5V
± 10%
-
Only Single Power Supply Required
Symbol
General Description
This Macro Cell is an 8-Bit digital to analog converter.
Functional Description
The architecture is based on two resistor dividers.
Because of its high output impedance, which is also code
dependent, it must be used together with a low offset
operational amplifier at the output (e.g. OP03B).
VRN and VRP must be within the common mode range of
the opamp (e.g. between 1.5V and 3.5V).
Pinlist
Pin
Description
Cap.
RP
Positive Reference
Voltage
RN
Negative Reference
Voltage
DACOUT
Analog Output
b<7:0
Data Input b(0) = LSB
Analog Standard Cell
DAC8 – 8-Bit Digital to Analog Converter
DATA SHEET


Similar Part No. - DAC8

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC80-CBI-I BURR-BROWN-DAC80-CBI-I Datasheet
211Kb / 9P
Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80-CBI-I TI-DAC80-CBI-I Datasheet
190Kb / 10P
Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC80-CBI-V BURR-BROWN-DAC80-CBI-V Datasheet
211Kb / 9P
Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80-CBI-V TI-DAC80-CBI-V Datasheet
190Kb / 10P
Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - DAC8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA5702 ETC1-TDA5702 Datasheet
147Kb / 4P
8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
8 BIT ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TL5602 TI-TL5602 Datasheet
85Kb / 6P
8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
8-Bit Multiplying Digital to Analog Converter
logo
List of Unclassifed Man...
KAD2708C ETC2-KAD2708C Datasheet
436Kb / 17P
8-Bit, 275MSPS Analog-to-Digital Converter
logo
Texas Instruments
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
MATV-0816 AD-MATV-0816_15 Datasheet
1Mb / 4P
8-Bit Video Analog-to-Digital Converter
MATV-0820 AD-MATV-0820_15 Datasheet
1Mb / 4P
8-bit video analog to digital converter
logo
Texas Instruments
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
8-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com