Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8 Datasheet(PDF) 2 Page - ams AG

Part # DAC8
Description  Analog Standard Cell 8-Bit Digital to Analog Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

DAC8 Datasheet(HTML) 2 Page - ams AG

  DAC8 Datasheet HTML 1Page - ams AG DAC8 Datasheet HTML 2Page - ams AG DAC8 Datasheet HTML 3Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Sheet DAC8 - CUX
Revision A, 26.11.02
Page 2 of 3
POWER SUPPLIES
The converter requires one power supply (vdda, gnd).
TECHNICAL DATA FOR 5V SUPPLY
(Tjunction = 0 to +85° C, VDDA = 5V
± 10%, unless otherwise
specified)
GENERAL PARAMETERS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Resolution
8
Bit
Vin
Input Voltage Range
VSS
VDD
V
DNL
Differential Nonlinearity
VRP = 3.5V
VRN = 1.5V
VDD = 5V
temp = 25° C
± 0.25
LSB
INL
Integral Nonlinearity
VRP = 3.5V
VRN = 1.5V
VDD = 5V
temp = 25° C
± 0.25
LSB
Vos
Input Offset Voltage
VRP = 3.5V
VRN = 1.5V
VDD = 5V
temp = 25° C
± 0.25
LSB
Rref
Reference Impedance
5.9
8
10.7
kOhms
Vdd
Power Supply Range
4.5
5.0
5.5
V
Idd
Power Supply Current
0.13 1)
mA
PVdd
Power Consumption
0.13 1)
mW
Rout
Output Resistance
21 2)
kOhms
1) Vrefp – Vrefn = 1V
2) Middle of the resistor string; Code: 0111 0111
(output resistance is code-dependent)
Idd includes the current through the resistor string
TRANSIENT PARAMETERS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ts
Settling Time
5V, 25° C
Cload = 30pF
<1
µ s
Vout = (VRP – VRN) / 256 * code_in + VRN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com