Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT574EB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT574EB
Description  FAST CMOS OCTAL D REGISTERS (3-STATE)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT574EB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT574EB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT574EB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT574EB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT574EB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT574EB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT574EB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT574EB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
MILITARYANDCOMMERCIALTEMPERATURERANGES
IDT54/74FCT574/A/C
FAST CMOS OCTAL D REGISTER (3-STATE)
PIN CONFIGURATION
CERDIP/ SOIC/ CERPACK
TOP VIEW
LCC
TOP VIEW
2
3
1
16
15
14
11
19
18
20
17
13
12
5
6
7
4
D20-1
SO 20-2
E20-1
8
9
10
OE
D0
D1
VCC
D3
D4
D5
D7
GND
O0
O3
O1
O2
O4
O7
O5
O6
CP
D2
D6
1
2
3
4
5
7
9
6
8
10
11
12
13
14
15
16
17
18
19
20
L20-2
O3
O2
O4
O5
O1
INDEX
D2
D3
D6
D4
D5
PIN DESCRIPTION
Pin Names
Description
DN
D Flip-Flop Data Inputs
CP
Clock Pulse for the register. Enters data on LOW-to-HIGH
transition.
ON
3-State Outputs (true)
OE
Active LOW 3-state Output Enable Input
FUNCTION TABLE (1)
Inputs
Outputs
Internal
Function
OE
CP
DN
ON
QN
Hi-Z
H
H
L
H
X
X
Z
Z
NC
NC
Load Register
L
L
H
H
↑
↑
↑
↑
L
H
L
H
L
H
Z
Z
H
L
H
L
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
Z = High-Impedance
NC = No Change
↑ = LOW-to-HIGH transition
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Commercial
Military
Unit
VTERM(2)
Terminal Voltage
with Respect to GND
–0.5 to +7
–0.5 to +7
V
VTERM(3)
Terminal Voltage
with Respect to GND
–0.5 to VCC
–0.5 to VCC
V
TA
Operating Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature Under
Bias
–55 to +125
–65 to +135
°C
TSTG
Storage Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output Current
120
120
mA
8-link
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability. No
terminal voltage may exceed VCC by +.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
CAPACITANCE (TA = +25OC, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
8-link
NOTE:
1. This parameter is measured at characterization but not tested.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com