Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT574EB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74FCT574EB
Description  FAST CMOS OCTAL D REGISTERS (3-STATE)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT574EB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74FCT574EB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT574EB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT574EB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT574EB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT574EB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT574EB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT574EB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
IDT54/74FCT574/A/C
FAST CMOS OCTAL D REGISTER (3-STATE)
MILITARYANDCOMMERCIALTEMPERATURERANGES
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
54/74FCT574
54/74FCT574A
54/74FCT574C
Com'l.
Mil.
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Conditions(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
CP to ON
CL = 50pF
RL = 500
Ω
2
10
2
11
2
6.5
2
7.2
2
5.2
2
6.2
ns
tPZH
tPZL
Output Enable Time
1.5
12.5
1.5
14
1.5
6.5
1.5
7.5
1.5
5.5
1.5
6.2
ns
tPHZ
tPLZ
Output Disable Time
1.5
8
1.5
8
1.5
5.5
1.5
6.5
1.5
5
1.5
5.7
ns
tSU
Set-up Time HIGH
or LOW, DN to CP
2—
2—
2—
2—
2—
2—
ns
tH
Hold Time HIGH
or LOW, DN to CP
1.5
—
1.5
—
1.5
—
1.5
—
1.5
—
1.5
—
ns
tW
CP Pulse Width
HIGH or LOW
7—
7—
5—
6—
5—
6—
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com