Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3999 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3999
Description  Low Noise 150mA Voltage Regulator for RF/Analog Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3999 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3999 Datasheet HTML 1Page - National Semiconductor (TI) LP3999 Datasheet HTML 2Page - National Semiconductor (TI) LP3999 Datasheet HTML 3Page - National Semiconductor (TI) LP3999 Datasheet HTML 4Page - National Semiconductor (TI) LP3999 Datasheet HTML 5Page - National Semiconductor (TI) LP3999 Datasheet HTML 6Page - National Semiconductor (TI) LP3999 Datasheet HTML 7Page - National Semiconductor (TI) LP3999 Datasheet HTML 8Page - National Semiconductor (TI) LP3999 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Absolute Maximum Ratings
(Notes 3, 4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage (V
IN)
−0.3 to 6.5V
Output Voltage
−0.3 to (V
IN + 0.3V)
to 6.5V (max)
Enable Input Voltage
−0.3 to 6.5V
Junction Temperature
150˚C
Lead/Pad Temperature
(Note 5)
microSMD
260˚C
Storage Temperature
−65 to +150˚C
Continuous Power Dissipation
(Note 6)
Internally limited
ESD (Note 9)
Human Body Model
2 kV
Machine Model
200V
Operating Ratings (Note 3)
Input Voltage (V
IN)
2.5 to 6.0V
Enable Input Voltage
0 to 6.0V
Junction Temperature
−40 to +125˚C
Ambient Temperature Range
(Note 7)
-40 to 85˚C
Thermal Properties(Note 8)
Junction to Ambient Thermal
Resistance
θ
JA (micro SMD pkg.)
255˚C/W
Electrical Characteristics
Unless otherwise noted, V
EN = 1.5, VIN =VOUT(NOM) + 1.0V, CIN = 1 µF, IOUT = 1 mA, COUT = 1 µF, CBP = 0.01 µF. Typical
values and limits appearing in normal type apply for T
J = 25˚C. Limits appearing in boldface type apply over the full tempera-
ture range for operation, −40 to +125˚C. (Notes 13, 14)
Symbol
Parameter
Conditions
Typical
Limit
Units
Min
Max
V
IN
Input Voltage
2.5
6.0
V
DEVICE OUTPUT: 1.5
≤ V
OUT < 1.8V
∆V
OUT
Output Voltage Tolerance
I
OUT = 1 mA
−50
50
mV
-75
75
Line Regulation Error
V
IN =(VOUT(NOM)+1.0V) to 6.0V,
I
OUT =1mA
−3.5
3.5
mV/V
Load Regulation Error
I
OUT = 1 mA to 150 mA
10
75
µV/mA
PSRR
Power Supply Rejection Ratio
(Note 11)
f = 1 kHz, I
OUT =1mA
58
dB
f = 10 kHz, I
OUT =1mA
58
DEVICE OUTPUT: 1.8
≤ V
OUT < 2.5V
∆V
OUT
Output Voltage Tolerance
I
OUT = 1 mA
-50
50
mV
−75
75
Line Regulation Error
V
IN =(VOUT(NOM)+1.0V) to 6.0V,
I
OUT =1mA
−2.5
2.5
mV/V
Load Regulation Error
I
OUT = 1 mA to 150 mA
10
75
µV/mA
PSRR
Power Supply Rejection Ratio
(Note 11)
f = 1 kHz, I
OUT =1mA
60
dB
f = 10 kHz, I
OUT =1mA
60
DEVICE OUTPUT: 2.5
≤ V
OUT
≤ 3.3V
∆V
OUT
Output Voltage Tolerance
I
OUT =1mA
-2
2
%of
V
OUT(NOM)
−3
3
Line Regulation Error
V
IN =(VOUT(NOM)+1.0V) to 6.0V,
I
OUT =1mA
−0.1
0.1
%/V
Load Regulation Error
I
OUT = 1 mA to 150 mA
0.0004
0.002
%/mA
V
DO
Dropout Voltage
I
OUT =1mA
0.4
2
mV
I
OUT = 150 mA
60
100
PSRR
Power Supply Rejection Ratio
(Note 11)
f = 1 kHz, I
OUT =1mA
60
dB
f = 10 kHz, I
OUT =1mA
50
FULL V
OUT RANGE
I
LOAD
Load Current
(Notes 10, 11)
0
µA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com