Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3999 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3999
Description  Low Noise 150mA Voltage Regulator for RF/Analog Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3999 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3999 Datasheet HTML 1Page - National Semiconductor (TI) LP3999 Datasheet HTML 2Page - National Semiconductor (TI) LP3999 Datasheet HTML 3Page - National Semiconductor (TI) LP3999 Datasheet HTML 4Page - National Semiconductor (TI) LP3999 Datasheet HTML 5Page - National Semiconductor (TI) LP3999 Datasheet HTML 6Page - National Semiconductor (TI) LP3999 Datasheet HTML 7Page - National Semiconductor (TI) LP3999 Datasheet HTML 8Page - National Semiconductor (TI) LP3999 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LP3999
Low Noise 150mA Voltage Regulator for RF/Analog
Applications
General Description
The LP3999 regulator is designed to meet the requirements
of portable wireless battery-powered applications and will
provide an accurate output voltage with low noise and low
quiescent current. Ideally suited for powering RF/Analog
devices this device will also be used to meet more general
circuit requirements.
For battery powered applications the low dropout and low
ground current provided by the device allows the lifetime of
the battery to be maximized.The inclusion of an Enable(dis-
able) control can be used by the system to further extend the
battery lifetime by reducing the power consumption to virtu-
ally zero. Should the application require a device with an
active disable function please refer to device LP3995.
The LP3999 also features internal protection against short-
circuit currents and over-temperature conditions.
The LP3999 is designed to be stable with small 1.0 µF
ceramic capacitors. The small outline of the LP3999 micro
SMD package with the required ceramic capacitors can
realize a system application within minimal board area.
Performance is specified for a −40˚C to +125˚C temperature
range.
The device is available in micro SMD package. For other
package options contact your local NSC sales office.
The device is available in fixed output voltages in the ranges
of 1.5V to 3.3V. For availability, please contact your local
NSC sales office.
Key Specifications
n
2.5V to 6.0V Input Range
n
Accurate Output Voltage; ±75mV / 2%
n
60 mV Typical Dropout with 150 mA Load. V
out > 2.5V
n
Virtually Zero Quiescent Current when Disabled
n
10 µVrms output noise over 10Hz to 100kHz
n
Stable witha1µF Output Capacitor
n
Guaranteed 150 mA Output Current
n
Fast Turn-on Time; 140 µs (Typ.)
Features
n
5 pin micro SMD Package
n
Stable with Ceramic Capacitor
n
Logic Controlled Enable
n
Fast Turn-on
n
Thermal-overload and short-circuit protection
n
−40 to +125˚C junction temperature range for operation
Applications
n
GSM Portable Phones
n
CDMA Cellular Handsets
n
Wideband CDMA Cellular Handsets
n
Bluetooth Devices
n
Portable Information Appliances
n
Handheld MP3 Devices
Typical Application Circuit
20052001
November 2005
© 2005 National Semiconductor Corporation
DS200520
www.national.com


Similar Part No. - LP3999

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3999 NSC-LP3999 Datasheet
351Kb / 15P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
logo
Texas Instruments
LP3999 TI1-LP3999 Datasheet
1,011Kb / 19P
LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999 TI2-LP3999 Datasheet
567Kb / 19P
LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
REVISED MAY 2013
logo
National Semiconductor ...
LP3999ILD-1.5 NSC-LP3999ILD-1.5 Datasheet
351Kb / 15P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999ILD-1.6 NSC-LP3999ILD-1.6 Datasheet
351Kb / 15P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
More results

Similar Description - LP3999

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
150mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205_04 Datasheet
184Kb / 8P
150mA, Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
150mA Low Noise LDO Voltage Regulator
logo
National Semiconductor ...
LP3999 NSC-LP3999_03 Datasheet
351Kb / 15P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999 NSC-LP3999_06 Datasheet
689Kb / 12P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
150mA Low Noise LDO Voltage Regulator
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
150mA Low Noise LDO Voltage Regulator
logo
Texas Instruments
LP3999 TI-LP3999_15 Datasheet
979Kb / 19P
LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999 TI1-LP3999 Datasheet
1,011Kb / 19P
LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com