Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3999 Datasheet (PDF) - Texas Instruments

LP3999 Datasheet PDF - Texas Instruments
Part # LP3999
Download  LP3999 Download
File Size   567.55 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications

LP3999 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3999 Datasheet PDF - Texas Instruments

Part # LP3999
Download  LP3999 Click to download

File Size   567.55 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications

LP3999 Datasheet (HTML) - Texas Instruments


LP3999 Product details

1FEATURES
2• 5 pin DSBGA Package
• Stable with Ceramic Capacitor
• Logic Controlled Enable
• Fast Turn-on
• Thermal-overload and short-circuit protection
• −40 to +125°C junction temperature range for
operation

KEY SPECIFICATIONS
• 2.5V to 6.0V Input Range
• Accurate Output Voltage; ±75mV / 2%
• 60 mV Typical Dropout with 150 mA Load. Vout
> 2.5V
• Virtually Zero Quiescent Current when
Disabled
• 10 μVrms Output Noise Over 10Hz to 100kHz
• Stable with a 1 μF Output Capacitor
• Ensured 150 mA Output Current
• Fast Turn-on Time; 140 μs (Typ.)

APPLICATIONS
• GSM Portable Phones
• CDMA Cellular Handsets
• Wideband CDMA Cellular Handsets
• Bluetooth Devices
• Portable Information Appliances
• Handheld MP3 Devices

DESCRIPTION
The LP3999 regulator is designed to meet the
requirements of portable wireless battery-powered
applications and will provide an accurate output
voltage with low noise and low quiescent current.
Ideally suited for powering RF/Analog devices this
device will also be used to meet more general circuit
requirements.
For battery powered applications the low dropout and
low ground current provided by the device allows the
lifetime of the battery to be maximized.The inclusion of an Enable(disable) control can be used by the
system to further extend the battery lifetime by
reducing the power consumption to virtually zero.
Should the application require a device with an active
disable function please refer to device LP3995.
The LP3999 also features internal protection against
short-circuit currents and over-temperature
conditions.




Similar Part No. - LP3999

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3999 NSC-LP3999 Datasheet
695Kb / 12P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999 NSC-LP3999 Datasheet
351Kb / 15P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
logo
Texas Instruments
LP3999 TI1-LP3999 Datasheet
1,011Kb / 19P
LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
logo
National Semiconductor ...
LP3999ILD-1.5 NSC-LP3999ILD-1.5 Datasheet
351Kb / 15P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999ILD-1.6 NSC-LP3999ILD-1.6 Datasheet
351Kb / 15P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
More results


Similar Description - LP3999

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
150mA Low-Noise LDO Voltage Regulator
logo
National Semiconductor ...
LP3999 NSC-LP3999 Datasheet
695Kb / 12P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
150mA Low Noise LDO Voltage Regulator
logo
National Semiconductor ...
LP3999 NSC-LP3999_03 Datasheet
351Kb / 15P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999 NSC-LP3999_06 Datasheet
689Kb / 12P
Low Noise 150mA Voltage Regulator for RF/Analog Applications
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
150mA Low Noise LDO Voltage Regulator
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
150mA Low Noise LDO Voltage Regulator
logo
Texas Instruments
LP3999 TI-LP3999_15 Datasheet
979Kb / 19P
LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999 TI1-LP3999 Datasheet
1,011Kb / 19P
LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com