Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3999 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP3999
Description  LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3999 Datasheet(HTML) 2 Page - Texas Instruments

  LP3999 Datasheet HTML 1Page - Texas Instruments LP3999 Datasheet HTML 2Page - Texas Instruments LP3999 Datasheet HTML 3Page - Texas Instruments LP3999 Datasheet HTML 4Page - Texas Instruments LP3999 Datasheet HTML 5Page - Texas Instruments LP3999 Datasheet HTML 6Page - Texas Instruments LP3999 Datasheet HTML 7Page - Texas Instruments LP3999 Datasheet HTML 8Page - Texas Instruments LP3999 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
A3
C3
A1
B2
C1
CBYPASS
VIN
VEN
GND
VOUT
A3
C3
A1
B2
C1
CBYPASS
VIN
VEN
GND
VOUT
Top View
Bottom View
R1
R2
Fast Turn-
on
Vref
Over Current
Thermal Prot
n.
VIN
VEN
CBYPASS
VOUT
+
-
GND
LP3999
SNVS207E – JUNE 2003 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LP3999 is designed to be stable with small 1.0 µF ceramic capacitors. The small outline of the LP3999
DSBGA package with the required ceramic capacitors can realize a system application within minimal board
area.
Performance is specified for a
−40°C to +125°C temperature range.
The device is available in DSBGA package. For other package options contact your local TI sales office.
The device is available in fixed output voltages in the ranges of 1.5V to 3.3V. For availability, please contact your
local TI sales office.
Block Diagram
PIN DESCRIPTIONS
Pin No.
Symbol
Name and Function
A1
VEN
Enable Input; Disables the Regulator when
≤ 0.4V.
Enables the regulator when
≥ 0.9V
B2
GND
Common Ground
C1
VOUT
Voltage output. Connect this output to the load circuit.
C3
VIN
Voltage Supply Input
A3
CBYPASS
Bypass Capacitor connection.
Connect a 0.01 µF capacitor for noise reduction.
Connection Diagram
5 Bump DSBGA Package
See Package Number YZR0005
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com