Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3999 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP3999
Description  LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3999 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3999 Datasheet HTML 8Page - Texas Instruments LP3999 Datasheet HTML 9Page - Texas Instruments LP3999 Datasheet HTML 10Page - Texas Instruments LP3999 Datasheet HTML 11Page - Texas Instruments LP3999 Datasheet HTML 12Page - Texas Instruments LP3999 Datasheet HTML 13Page - Texas Instruments LP3999 Datasheet HTML 14Page - Texas Instruments LP3999 Datasheet HTML 15Page - Texas Instruments LP3999 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
LP3999
SNVS207E – JUNE 2003 – REVISED MAY 2013
www.ti.com
Referring to the section Surface Mount Assembly Considerations, it should be noted that the pad style which
must be used with the 5 pin package is NSMD (non-solder mask defined) type.
For best results during assembly, alignment ordinals on the PC board may be used to facilitate placement of the
DSBGA device.
DSBGA LIGHT SENSITIVITY
Exposing the DSBGA device to direct sunlight will cause incorrect operation of the device. Light sources such as
halogen lamps can affect electrical performance if they are situated in proximity to the device.
Light with wavelengths in the red and infra-red part of the spectrum have the most detrimental effect thus the
fluorescent lighting used inside most buildings has very little effect on performance. Tests carried out on a
DSBGA test board showed a negligible effect on the regulated output voltage when brought within 1 cm of a
fluorescent lamp. A deviation of less than 0.1% from nominal output voltage was observed.
12
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com