Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS33 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CS33
Description  Dual Value Chip Resistor, Center Tap
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS33 Datasheet(HTML) 1 Page - Vishay Siliconix

  CS33 Datasheet HTML 1Page - Vishay Siliconix CS33 Datasheet HTML 2Page - Vishay Siliconix CS33 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 60067
Revision 27-Apr-01
www.vishay.com
152
CS 33
Vishay Thin Film
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.42.729.0661 FAX: +81.42.729.3400 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
FEATURES
• Center tap feature
• Small size
• Very high ohmic values
• Good stability
Dual Value Chip Resistor, Center Tap
Actual Size
SCHEMATIC
Chromium silicon thin film is very well suited to produce high
density and high ohmic value resistor chips. Performances
and sizes are greatly improved compared to Thick Film
counterparts. The center tap configuration offers a greater
flexibility for hybrid layout design.
TEST
SPECIFICATIONS
CONDITIONS
MATERIAL
PASSIVATED CHROMIUM SILICON
Resistance Range
10K ohms to 5M ohms
for R
T = R1 + R2
TCR:
Tracking
± 5ppm/°C
- 55
°C to + 125°C
Absolute
± 100 ppm/°C (± 50ppm/°C on request)
- 55
°C to + 125°C
Tolerance:
Ratio
1/1 standard
Absolute
± 0.5%, ± 1%, ± 2%
Matching
± 0.5% standard
Power Rating
250mW at + 25
°C, 125mW at + 70°C, 50mW at + 125°C
Stability
± 0.1% typical, ± 0.2 Max.
2000 hrs. @ + 70
°C Under
Voltage Coefficient
0.1ppm/Volt
Working Voltage
100 Volts DC on R
T
Operating Temperature Range
- 55
°C to + 155°C
Storage Temperature Range
- 55
°C to + 155°C
Noise
< - 35dB typical
MIL-STD-202 Method 308
Thermal EMF
< 0.01
µV/°C
Shelf Life Stability
200ppm
1 year @ + 25
°C
RT
R1
R2
RT= R1+R2 with R1=R2 Standard
STANDARD ELECTRICAL SPECIFICATIONS
ABS
TRACKING
TCR
100
5
ABS
RATIO
TOL
0.5
0.5
x
TYPICAL PERFORMANCE


Similar Part No. - CS33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS33-100KDKD0016 VISHAY-CS33-100KDKD0016 Datasheet
89Kb / 3P
Dual Value Chip Resistors, Center Tap
06-Oct-08
CS33-100KDMD0016 VISHAY-CS33-100KDMD0016 Datasheet
89Kb / 3P
Dual Value Chip Resistors, Center Tap
06-Oct-08
CS33-100KDRD0016 VISHAY-CS33-100KDRD0016 Datasheet
89Kb / 3P
Dual Value Chip Resistors, Center Tap
06-Oct-08
CS33-100KF1MD0016 VISHAY-CS33-100KF1MD0016 Datasheet
89Kb / 3P
Dual Value Chip Resistors, Center Tap
06-Oct-08
CS33-100KFKD0016 VISHAY-CS33-100KFKD0016 Datasheet
89Kb / 3P
Dual Value Chip Resistors, Center Tap
06-Oct-08
More results

Similar Description - CS33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S30R VISHAY-S30R Datasheet
257Kb / 3P
Center Tap Chip Resistor
01-May-03
RMK33N VISHAY-RMK33N Datasheet
114Kb / 2P
Dual Value Chip Resistor, Center Tap
22-Jul-03
TA33 VISHAY-TA33 Datasheet
189Kb / 3P
Dual Value, Chip Resistor Center Tap
24-Feb-06
CS33 VISHAY-CS33_08 Datasheet
89Kb / 3P
Dual Value Chip Resistors, Center Tap
06-Oct-08
RSK33N VISHAY-RSK33N Datasheet
96Kb / 3P
Dual Value Chip Resistors, Center Tap
06-Oct-08
TA33 VISHAY-TA33_08 Datasheet
89Kb / 3P
Dual Value Chip Resistors, Center Tap
06-Oct-08
RMK33N VISHAY-RMK33N_08 Datasheet
96Kb / 3P
Dual Value Chip Resistors, Center Tap
06-Oct-08
logo
Kersemi Electronic Co.,...
MBR40H60CT KERSEMI-MBR40H60CT Datasheet
1Mb / 3P
Dual rectifier construction, positive center tap
MBR40H45CT KERSEMI-MBR40H45CT Datasheet
1Mb / 3P
Dual rectifier construction, positive center tap
logo
Surge Components
MBR10100 SURGE-MBR10100 Datasheet
2Mb / 6P
Dual rectifier construction, positive center tap
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com