Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS33 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CS33
Description  Dual Value Chip Resistor, Center Tap
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS33 Datasheet(HTML) 2 Page - Vishay Siliconix

  CS33 Datasheet HTML 1Page - Vishay Siliconix CS33 Datasheet HTML 2Page - Vishay Siliconix CS33 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
153
CS 33
Vishay Thin Film
Document Number: 60067
Revision 27-Apr-01
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.42.729.0661 FAX: +81.42.729.3400 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
DIMENSIONS in inches and millimeters
DIMENSION
INCHES
MILLIMETERS
A
0.03
± 0.004
0.76
± 0.10
B
0.03
± 0.004
0.76
± 0.10
C
0.01
± 0.015
0.25 to 0.40
D
0.004
0.10
E
0.006
0.15
F
0.006
0.15
A
B
C
D
E
F
Bonding Pad Area
Dual Value Chip Resistor, Center Tap
Resistive Element
Chromium Silicon
Passivation
Silicon Nitride
Substrate Material
Silicon (Consult Vishay for AL2O3)
Bonding Pads
Aluminum
MECHANICAL SPECIFICATIONS
How to Order
Series
RT Ohmic Value
Absolute Tolerance
Matching Tolerance
CS 33
100K
±0.5%
0.5%
RT = R1 + R2
±0.5%
±1%
±2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com