Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM73 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM73
Description  2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM73 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM73 Datasheet HTML 5Page - National Semiconductor (TI) LM73 Datasheet HTML 6Page - National Semiconductor (TI) LM73 Datasheet HTML 7Page - National Semiconductor (TI) LM73 Datasheet HTML 8Page - National Semiconductor (TI) LM73 Datasheet HTML 9Page - National Semiconductor (TI) LM73 Datasheet HTML 10Page - National Semiconductor (TI) LM73 Datasheet HTML 11Page - National Semiconductor (TI) LM73 Datasheet HTML 12Page - National Semiconductor (TI) LM73 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
1.0 Functional Description (Continued)
13-bit (12-bit plus sign)
Temperature
Digital Output
Binary
Hex
+150˚C
0100 1011 0000 0000
4B00h
+25˚C
0000 1100 1000 0000
0C80h
+1˚C
0000 0000 1000 0000
0080h
+0.0625˚C
0000 0000 0000 1000
0008h
0˚C
0000 0000 0000 0000
0000h
−0.0625˚C
1111 1111 1111 1000
FFF8h
−1˚C
1111 1111 1000 0000
FF80h
−25˚C
1111 0011 1000 0000
F380h
−40˚C
1110 1100 0000 0000
EC00h
14-bit (13-bit plus sign)
Temperature
Digital Output
Binary
Hex
+150˚C
0100 1011 0000 0000
4B00h
+25˚C
0000 1100 1000 0000
0C80h
+1˚C
0000 0000 1000 0000
0080h
+0.03125˚C
0000 0000 0000 0100
0004h
0˚C
0000 0000 0000 0000
0000h
−0.03125˚C
1111 1111 1111 1100
FFFCh
−1˚C
1111 1111 1000 0000
FF80h
−25˚C
1111 0011 1000 0000
F380h
−40˚C
1110 1100 0000 0000
EC00h
1.4 SMBus INTERFACE
The LM73 operates as a slave on the SMBus. The SMBDAT
line is bidirectional. The SMBCLK line is is an input only. The
LM73 never drives the SMBCLK line and it does not support
clock stretching.
The LM73 uses a 7-bit slave address. It is available in two
versions. Each version can be configured for one of three
unique slave addresses, for a total of six unique address.
Part Number
Address Pin
Device
Address
LM73-0
Float
Ground
V
DD
1001 000
1001 001
1001 010
LM73-1
Float
Ground
V
DD
1001 100
1001 101
1001 110
The SMBDAT output is an open-drain output and does not
have internal pull-ups. A “high” level will not be observed on
this pin until pull-up current is provided by some external
source, typically a pull-up resistor. Choice of resistor value
depends on many system factors but, in general, the pull-up
resistor should be as large as possible without effecting the
SMBus desired data rate. This will minimize any internal
temperature reading errors due to internal heating of the
LM73.
The LM73 features an integrated low-pass filter on both the
SMBCLK and the SMBDAT line. These filters increase com-
munications reliability in noisy environments.
If either the SMBCLK or SMBDAT line is held low for a time
greater than t
TIMEOUT (see Logic Electrical Characteristics
for the value of t
TIMEOUT), the LM73 state machine will reset
to the SMBus idle state, releasing the data line. Once the
SMBDAT is released high, the master may initiate an SMBus
start.
1.5 ALERT FUNCTION
The ALERT output is an over-temperature indicator. At the
end of every temperature conversion, the measured tem-
perature is compared to the value in the T
HIGH Register. If
the measured temperature exceeds the value stored in
T
HIGH, the ALERT output goes active (see Figure Figure 1).
This over-temperature condition will also cause the ALRT-
_STAT bit in the Control/Status Register to change value
(this bit mirrors the logic level of the ALERT pin).
The ALERT pin and the ALRT_STAT bit are cleared when
any of the following occur:
1.
The measured temperature falls below the value stored
in the T
LOW Register
2.
A "1" is written to the ALERT Reset bit in the Configura-
tion Register
3.
The master resets it through an SMBus Alert Response
Address (ARA) procedure
If ALERT has been cleared by the master writing a "1" to the
ALERT Reset bit, while the measured temperature still ex-
ceeds the T
HIGH setpoint, ALERT will go active again after
the completion of the next temperature conversion.
Each temperature reading is associated with a Temperature
High (THI) and a Temperature Low (TLOW) flag in the
Control/Status Register. A digital comparison determines
whether that reading is above the T
HIGH setpoint or below
the T
LOW setpoint. If so, the corresponding flag is set. All
digital comparisons to the T
HIGH, and TLOW values are based
on an 11-bit temperature comparison. Regardless of the
resolution setting of the LM73, the lower three temperature
LSBs will not affect the state of the ALERT output, THI flag,
and TLOW flag.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com