Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM73 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM73
Description  2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM73 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM73 Datasheet HTML 1Page - National Semiconductor (TI) LM73 Datasheet HTML 2Page - National Semiconductor (TI) LM73 Datasheet HTML 3Page - National Semiconductor (TI) LM73 Datasheet HTML 4Page - National Semiconductor (TI) LM73 Datasheet HTML 5Page - National Semiconductor (TI) LM73 Datasheet HTML 6Page - National Semiconductor (TI) LM73 Datasheet HTML 7Page - National Semiconductor (TI) LM73 Datasheet HTML 8Page - National Semiconductor (TI) LM73 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM73
2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor
with 2-Wire Interface
General Description
The LM73 is an integrated, digital-output temperature sensor
featuring an incremental Delta-Sigma ADC with a two-wire
interface that is compatible with the SMBus and I
2C® inter-
faces. The host can query the LM73 at any time to read
temperature. Available in a 6-pin SOT-23 package, the LM73
occupies very little board area while operating over a wide
temperature range (-40˚C to 150˚C) and providing ±1.0˚C
accuracy from -10˚C to 80˚C. The user can optimize be-
tween the conversion time and the sensitivity of the LM73 by
programming it to report temperature in any of four different
resolutions. Defaulting to 11-bit mode (0.25˚C/LSB), the
LM73 measures temperature in a maximum time of 14 ms,
making it ideal for applications that require temperature data
very soon after power-up. In its maximum resolution, 14-bit
mode (0.03125˚C/LSB), the LM73 is optimized to sense very
small changes in temperature.
A single multi-level address line selects one of three unique
device addresses. An open-drain ALERT output goes active
when the temperature exceeds a programmable limit. Both
the data and clock lines are filtered for excellent noise toler-
ance and reliable communication. Additionally, a time-out
feature on the clock and data lines causes the LM73 to
automatically reset these lines if either is held low for an
extended time, thus exiting any bus lock-up condition without
processor intervention.
Applications
n
Portable Electronics
n
Notebook Computers
n
Automotive
n
System Thermal Management
n
Office Electronics
Key Specifications
j Supply Voltage
2.7V to 5.5V
j Supply Current
operating
320 µA (typ)
495 µA (max)
shutdown
8 µA (max)
1.9 µA (typ)
j Temperature
−10˚C to 80˚C
±1.0˚C (max)
Accuracy
−25˚C to 115˚C
±1.5˚C (max)
−40˚C to 150˚C
±2.0˚C (max)
j Resolution
0.25˚C to
0.03125˚C
j Conversion Time
11-bit (0.25˚C)
14 ms (max)
14-bit (0.03125˚C)
112 ms (max)
Features
n
Single address pin offers choice of three selectable
addresses per version for a total of six possible
addresses.
n
SMBus and I
2C-compatible two-wire interface
n
Supports 400 kHz operation
n
Shutdown mode with one-shot feature available for very
low average power consumption
n
Programmable digital temperature resolution from 11
bits to 14 bits.
n
Fast conversion rate ideal for quick power up and
measuring rapidly changing temperature
n
Open-drain ALERT output pin goes active when
temperature is above a programmed temperature limit
n
Very stable, low-noise digital ouput.
Typical Application
20147803
I2C is a registered trademark of Philips Electronics N.V. Corporation
October 2005
© 2005 National Semiconductor Corporation
DS201478
www.national.com


Similar Part No. - LM73

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM73 NSC-LM73 Datasheet
733Kb / 18P
2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Texas Instruments
LM73 TI1-LM73 Datasheet
1Mb / 26P
LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
LM73 TI-LM73 Datasheet
1Mb / 30P
2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
LM73 TI2-LM73 Datasheet
796Kb / 31P
LM73 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
REVISED OCTOBER 2015
LM73 TI2-LM73 Datasheet
780Kb / 31P
LM73-Q1 2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
DECEMBER 2016
More results

Similar Description - LM73

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60 Datasheet
221Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
242Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM73 NSC-LM73_06 Datasheet
733Kb / 18P
2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60 TI-LM60 Datasheet
1Mb / 16P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM73CIMK-0 TI1-LM73CIMK-0 Datasheet
1Mb / 26P
LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
SM73710 TI-SM73710 Datasheet
374Kb / 12P
SM73710 2.7V, SOT-23 Temperature Sensor
LM73 TI-LM73_15 Datasheet
1Mb / 30P
2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
LM73-Q1 TI1-LM73-Q1 Datasheet
566Kb / 27P
2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com