Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4869 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4869
Description  1.9W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4869 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM4869 Datasheet HTML 12Page - National Semiconductor (TI) LM4869 Datasheet HTML 13Page - National Semiconductor (TI) LM4869 Datasheet HTML 14Page - National Semiconductor (TI) LM4869 Datasheet HTML 15Page - National Semiconductor (TI) LM4869 Datasheet HTML 16Page - National Semiconductor (TI) LM4869 Datasheet HTML 17Page - National Semiconductor (TI) LM4869 Datasheet HTML 18Page - National Semiconductor (TI) LM4869 Datasheet HTML 19Page - National Semiconductor (TI) LM4869 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
RECOMMENDED PRINTED CIRCUIT BOARD LAYOUT
Figures 2 through 6 show the recommended four-layer PC board layout that is optimized for the 20-pin MH-packaged LM4869
and associated external components. This circuit is designed for use with an external 5V supply and 3
Ω (or higher) speakers (or
load resistors).
This circuit board is easy to use. Apply 5V and ground to the board’s V
DD and GND terminals, respectively. Connect speakers (or
load resistors) between the board’s -OUTA and +OUTA and -OUTB and +OUTB pads. Apply balanced differential stereo input
signals to the input pins labeled ’-INA,’ ’+INA,’ ’-INB,’ and ’+INB.’
200428D7
FIGURE 2. Recommended MH PC Board Layout:
Component-Side Silkscreen
200428D8
FIGURE 3. Recommended MH PC Board Layout:
Component-Side Layout
200428D9
FIGURE 4. Recommended MH PC Board Layout:
Upper Inner-Layer Layout
200428E0
FIGURE 5. Recommended MH PC Board Layout:
Lower Inner-Layer Layout
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com