Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4869 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4869
Description  1.9W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4869 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4869 Datasheet HTML 10Page - National Semiconductor (TI) LM4869 Datasheet HTML 11Page - National Semiconductor (TI) LM4869 Datasheet HTML 12Page - National Semiconductor (TI) LM4869 Datasheet HTML 13Page - National Semiconductor (TI) LM4869 Datasheet HTML 14Page - National Semiconductor (TI) LM4869 Datasheet HTML 15Page - National Semiconductor (TI) LM4869 Datasheet HTML 16Page - National Semiconductor (TI) LM4869 Datasheet HTML 17Page - National Semiconductor (TI) LM4869 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Typical Performance Characteristics
MH Specific Characteristics (Continued)
Cross Talk vs Frequency
Cross Talk vs Frequency
200428D5
V
DD = 3V, RL =8
Ω,A
V = 15.6dB,
A = Left channel driven, right channel measured;
B = Right channel driven, left channel measured
200428D6
V
DD = 3V, RL =8
Ω,A
V = 21.6dB,
A = Left channel driven, right channel measured;
B = Right channel driven, left channel measured
Power Dissipation Derating Curves
200428E4
V
DD = 5V, RL =8
Ω,f
IN = 1kHz,
(from top to bottom at 40˚C): 3in x 3in four-layer PCB
with bottom and two inner layers connected to the package’s DAP,
1.5in x 1.5in two-layer PCB with bottom and top layer
planes connected to the package’s DAP
Application Information
PCB LAYOUT AND SUPPLY REGULATION
CONSIDERATIONS FOR DRIVING 3W AND 4W LOADS
Power dissipated by a load is a function of the voltage swing
across the load and the load’s impedance. As load imped-
ance decreases, load dissipation becomes increasingly de-
pendent on the interconnect (PCB trace and wire) resistance
between the amplifier output pins and the load’s connec-
tions. Residual trace resistance causes a voltage drop,
which results in power dissipated in the trace and not in the
load as desired. For example, 0.1
Ω trace resistance reduces
the output power dissipated by a 4
Ω load from 2.1W to 2.0W.
This problem of decreased load dissipation is exacerbated
as load impedance decreases. Therefore, to maintain the
highest load dissipation and widest output voltage swing,
PCB traces that connect the output pins to a load must be as
wide as possible.
Poor power supply regulation also adversely affects maxi-
mum output power. A poorly regulated supply’s output volt-
age decreases with increasing load current. Reduced supply
voltage causes decreased headroom, output signal clipping,
and reduced output power. Even with tightly regulated sup-
plies, trace resistance creates the same effects as poor
supply regulation. Therefore, making the power supply
traces as wide as possible helps maintain full output voltage
swing.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com