Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALED1262ZT Datasheet(PDF) 21 Page - STMicroelectronics

Part # ALED1262ZT
Description  Automotive-grade 12-channel LED driver with open detection, local dimming, bus driven and standalone operations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED1262ZT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ALED1262ZT Datasheet HTML 17Page - STMicroelectronics ALED1262ZT Datasheet HTML 18Page - STMicroelectronics ALED1262ZT Datasheet HTML 19Page - STMicroelectronics ALED1262ZT Datasheet HTML 20Page - STMicroelectronics ALED1262ZT Datasheet HTML 21Page - STMicroelectronics ALED1262ZT Datasheet HTML 22Page - STMicroelectronics ALED1262ZT Datasheet HTML 23Page - STMicroelectronics ALED1262ZT Datasheet HTML 24Page - STMicroelectronics ALED1262ZT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
11
Device local dimming function
The brightness of each channel can be adjusted through a 7-bit PWM grayscale brightness control according to
local dimming register PWM_gain_x.
Figure 9. Device local dimming function logic
Brightness data are loaded through I²C bus, PWM signal for each channel is generated by comparing the content
of the brightness register to a 7-bit counter. The counter’s clock source is provided by 3.3 MHz internal oscillator.
Brightness register default configuration is all “0” (0x00) this means minimum LED brightness.
Note:
PWM_gain_x registers are made visible internally to the PWM generator, after an I²C transaction, when the
internal 7-bit counter reaches the value 7Fh. Internal 7-bit counter stops when exiting PWM local dimming
configuration (PWM_En and/or BDM_Flag set to '0'). When re-entering in PWM local dimming configuration 7-bit
counter restarts from previous stopped value (unless HW reset), so first period of PWM waveform could be
shorter.
The schematic below summarizes this functionality.
Figure 10. Channel dimming feature
#7
…….
#2
#1
inte rnal
c o unte r
Inte rnal o s c illato r fe eds the
c ounte r
Brig htne s s re g is te r
Counts from 0 to 127 (7bit)
Compares the value
generated by the
counter and the value
s tored in the brightnes s
regis ter
200Hz PWM
s ignal that
drives the
current
generator
VLED
-
+
inte rnal
o s c illator
Channel x
AMG090320171210MT
ALED1262ZT
Device local dimming function
DS12631 - Rev 4
page 21/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com