Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS22QS Datasheet(PDF) 21 Page - STMicroelectronics

Part # ILPS22QS
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QS Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ILPS22QS Datasheet HTML 17Page - STMicroelectronics ILPS22QS Datasheet HTML 18Page - STMicroelectronics ILPS22QS Datasheet HTML 19Page - STMicroelectronics ILPS22QS Datasheet HTML 20Page - STMicroelectronics ILPS22QS Datasheet HTML 21Page - STMicroelectronics ILPS22QS Datasheet HTML 22Page - STMicroelectronics ILPS22QS Datasheet HTML 23Page - STMicroelectronics ILPS22QS Datasheet HTML 24Page - STMicroelectronics ILPS22QS Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
5.6
Continuous (dynamic-stream)-to-FIFO mode
In continuous (dynamic-stream)-to-FIFO mode (FIFO_CTRL (14h)(TRIG_MODES and F_MODE[1:0] = 111), data
are stored in FIFO and FIFO operates in continuous (dynamic-stream) mode behavior until it switches to FIFO
mode behavior when INT_SOURCE (24h)(IA) rises to 1.
An interrupt generator has to be set to the desired configuration through INTERRUPT_CFG (0Bh).
Figure 13. Continuous (dynamic-stream)-to-FIFO mode
P1
P2
Pi
P0
P127
P1
P2
Pi
P0
P127
Dynamic-stream mode
FIFO mode
Trigger event
P126
5.7
Retrieving data from FIFO
FIFO data is read through FIFO_DATA_OUT_PRESS (78h, 79h and 7Ah).
The read address is automatically updated by the device and it rolls back to 78h when register 7Ch is reached. In
order to read all FIFO levels in a multiple byte read, 384 bytes (3 output registers with 128 levels) must be read.
ILPS22QS
Continuous (dynamic-stream)-to-FIFO mode
DS13431 - Rev 3
page 21/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com