Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPS22QS Datasheet (PDF) - STMicroelectronics

ILPS22QS Datasheet PDF - STMicroelectronics
Part # ILPS22QS
Download  ILPS22QS Download
File Size   1882.83 Kbytes
Page   57 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor

ILPS22QS Datasheet (PDF)

Go To PDF Page Download Datasheet
ILPS22QS Datasheet PDF - STMicroelectronics

Part # ILPS22QS
Download  ILPS22QS Click to download

File Size   1882.83 Kbytes
Page   57 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor

ILPS22QS Datasheet (HTML) - STMicroelectronics


ILPS22QS Product details

Features
• Selectable dual full-scale absolute pressure range
– Mode 1: 260 ~ 1260 hPa
– Mode 2: 260 ~ 4060 hPa
• Current consumption down to 1.8 μA
• Absolute pressure accuracy: 0.5 hPa
• Low pressure sensor noise: 0.34 Pa
• High-performance TCO: 0.45 Pa/°C
• Embedded temperature compensation
• Extended temperature range from -40 to +105 °C
• 24-bit pressure data output
• ODR from 1 Hz to 200 Hz
• SPI, I²C or MIPI I3CSM interfaces
• Supports 1.08 V digital interface
• Embedded FIFO
• Embedded analog hub for processing analog input data
• Embedded Qvar for detecting electric charge variation
• Interrupt functions: data-ready, FIFO flags, pressure thresholds
• Supply voltage: 1.7 to 3.6 V
• High shock survivability: 22,000 g
• Small and thin package
• ECOPACK lead-free compliant

Description
The ILPS22QS is an ultra-compact piezoresistive absolute pressure sensor which
functions as a digital output barometer, supporting dual full-scale up to userselectable
4060 hPa. The device delivers ultra-low pressure noise with very low
power consumption and operates over an extended temperature range from -40 °C
to +105 °C.
The ILPS22QS comprises a sensing element and an IC interface which
communicates over I²C, MIPI I3CSM or SPI interfaces from the sensing element to
the application and supports 1.2 V digital interface as well. The sensing element,
which detects absolute pressure, consists of a suspended membrane manufactured
using a dedicated process developed by ST.

Applications
• Industrial applications
• Gas and water metering
• Weather station equipment
• Altimeters and barometers for outdoor devices
• Smart filters
• Ventilators and CPAP equipment
• Man-down detection




Similar Part No. - ILPS22QS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ILPS28QSW STMICROELECTRONICS-ILPS28QSW Datasheet
2Mb / 52P
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
17-Jan-2023
ILPS28QSWTR STMICROELECTRONICS-ILPS28QSWTR Datasheet
2Mb / 52P
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
17-Jan-2023
More results


Similar Description - ILPS22QS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
LPS22HB STMICROELECTRONICS-LPS22HB Datasheet
1Mb / 49P
MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
November 2016 Rev 5
LPS33HW STMICROELECTRONICS-LPS33HW Datasheet
1Mb / 50P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
25-Jul-2017
LPS27HHTW STMICROELECTRONICS-LPS27HHTW Datasheet
1Mb / 55P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
Rev 1 - January 2021
LPS22CH STMICROELECTRONICS-LPS22CH Datasheet
1Mb / 55P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
05-Aug-2020
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
1Mb / 54P
Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
30-Sep-2021
LPS27HHW STMICROELECTRONICS-LPS27HHW Datasheet
1Mb / 60P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
31-Jul-2019
LPS33K STMICROELECTRONICS-LPS33K Datasheet
1Mb / 31P
MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
20-May-2020
LPS22HH STMICROELECTRONICS-LPS22HH Datasheet
1Mb / 59P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
04-Feb-2019
ILPS28QSW STMICROELECTRONICS-ILPS28QSW Datasheet
2Mb / 52P
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
17-Jan-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com